Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPU3006-N3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # EPU3006-N3
Description  Ultrafast Rectifier, 30 A FRED Pt®
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EPU3006-N3 Datasheet(HTML) 1 Page - Vishay Siliconix

  EPU3006-N3 Datasheet HTML 1Page - Vishay Siliconix EPU3006-N3 Datasheet HTML 2Page - Vishay Siliconix EPU3006-N3 Datasheet HTML 3Page - Vishay Siliconix EPU3006-N3 Datasheet HTML 4Page - Vishay Siliconix EPU3006-N3 Datasheet HTML 5Page - Vishay Siliconix EPU3006-N3 Datasheet HTML 6Page - Vishay Siliconix EPU3006-N3 Datasheet HTML 7Page - Vishay Siliconix EPU3006-N3 Datasheet HTML 8Page - Vishay Siliconix EPU3006-N3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
New Product
VS-APU3006-F3, VS-APU3006-N3, VS-EPU3006-F3, VS-EPU3006-N3
www.vishay.com
Vishay Semiconductors
Revision: 15-Aug-11
1
Document Number: 93570
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrafast Rectifier, 30 A FRED Pt®
FEATURES
• Low forward voltage drop
• Ultrafast recovery time
• 175 °C operating junction temperature
• Compliant to RoHS Directive 2002/95/EC
• Designed
and
qualified
according
to
JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21
definition (-N3 only)
DESCRIPTION/APPLICATIONS
Ultralow VF, soft-switching ultrafast rectifiers optimized for
Discontinuous
(Critical)
Mode
(DCM)
Power
Factor
Correction (PFC).
The minimized conduction loss, optimized stored charge
and low recovery current minimized the switching losses
and reduce over dissipation in the switching element and
snubbers.
The device is also intended for use as a freewheeling diode
in power supplies and other power switching applications.
APPLICATIONS
AC/DC SMPS 70 W to 400 W
e.g. laptop and printer AC adaptors, desktop PC, TV and
monitor, games units, and DVD AC/DC power supplies.
PRODUCT SUMMARY
Package
TO-247AC,
TO-247AC modified (2 pins)
IF(AV)
30 A
VR
600 V
VF at IF
2 V
trr typ.
30 ns
TJ max.
175 °C
Diode variation
Single die
TO-247AC modified
TO-247AC
VS-APU3006-F3
VS-EPU3006-F3
VS-APU3006-N3
VS-EPU3006-N3
Base cathode
2
13
Cathode
Anode
Anode
1
3
Base cathode
Anode
4, 2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Repetitive peak reverse voltage
VRRM
600
V
Average rectified forward current
IF(AV)
TC = 127 °C
30
A
Non-repetitive peak surge current
IFSM
TC = 25 °C
200
Operating junction and storage
temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 30 A
-
1.4
2
IF = 30 A, TJ = 150 °C
-
1.15
1.35
Reverse leakage current
IR
VR = VR rated
-
-
30
μA
TJ = 150 °C, VR = VR rated
-
-
250
Junction capacitance
CT
VR = 600 V
-
20
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH


Similar Part No. - EPU3006-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EPU3006-F3 VISHAY-EPU3006-F3 Datasheet
231Kb / 10P
   Ultrafast Rectifier, 30 A FRED Pt
Revision: 24-May-11
More results

Similar Description - EPU3006-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSEEPU3006F3 VISHAY-VSEEPU3006F3 Datasheet
230Kb / 10P
   Ultrafast Rectifier, 30 A FRED Pt®
Revision: 05-Apr-12
VS-ETU3006S-M3 VISHAY-VS-ETU3006S-M3 Datasheet
186Kb / 8P
   Ultrafast Rectifier, 30 A FRED Pt®
Revision: 09-Jul-15
VS-ETU3006FP-M3 VISHAY-VS-ETU3006FP-M3 Datasheet
201Kb / 9P
   Ultrafast Rectifier, 30 A FRED Pt®
Revision: 11-Mar-11
VS-ETU3006SHM3 VISHAY-VS-ETU3006SHM3 Datasheet
122Kb / 6P
   Ultrafast Rectifier, 30 A FRED Pt®
Revision: 10-Jul-15
VS-60CPU04-F3 VISHAY-VS-60CPU04-F3 Datasheet
153Kb / 7P
   Ultrafast Rectifier, 2 x 30 A FRED Pt®
Revision: 18-Oct-16
60CPU02-F VISHAY-60CPU02-F_12 Datasheet
165Kb / 7P
   Ultrafast Rectifier, FRED Pt®, 2 x 30 A
Revision: 26-Jan-12
VS-60CPU02-N3 VISHAY-VS-60CPU02-N3 Datasheet
167Kb / 7P
   Ultrafast Rectifier, FRED Pt®, 2 x 30 A
01-Jan-2022
VS-CPU6006-N3 VISHAY-VS-CPU6006-N3 Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 30 A FRED Pt®
Revision: 17-Jul-13
60CPU06-F VISHAY-60CPU06-F_12 Datasheet
166Kb / 7P
   Ultrafast Rectifier, FRED Pt®, 2 x 30 A
Revision: 26-Jan-12
VS-60CPU03W-N3 VISHAY-VS-60CPU03W-N3 Datasheet
143Kb / 7P
   Ultrafast Rectifier, FRED Pt®, 2 x 30 A
Revision: 10-Jul-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com