Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A4975 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A4975
Description  Full-Bridge PWM Microstepping Motor Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4975 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A4975 Datasheet HTML 1Page - Allegro MicroSystems A4975 Datasheet HTML 2Page - Allegro MicroSystems A4975 Datasheet HTML 3Page - Allegro MicroSystems A4975 Datasheet HTML 4Page - Allegro MicroSystems A4975 Datasheet HTML 5Page - Allegro MicroSystems A4975 Datasheet HTML 6Page - Allegro MicroSystems A4975 Datasheet HTML 7Page - Allegro MicroSystems A4975 Datasheet HTML 8Page - Allegro MicroSystems A4975 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Full-Bridge PWM Microstepping Motor Driver
A4975
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Terminal Functions
Terminal
Name
Description
1
PFD
(Percent Fast Decay) The analog input used to set the current-decay mode.
2
REF
(VREF) The voltage at this input (along with the value of RS and the states of DAC inputs
D0, D1, and D2) set the peak output current.
3
RC
The parallel combination of external resistor RT and capacitor CT set the off time for the
PWM current regulator. CT also sets the blanking time.
4-5
GROUND
Return for the logic supply (VCC) and load supply (VBB); the reference for all voltage
measurements.
6
LOGIC SUPPLY (VCC) Supply voltage for the logic circuitry. Typically = 5 V.
7
PHASE
The PHASE input determines the direction of current in the load.
8
D2
(DATA2) One-of-three (MSB) control bits for the internal digital-to-analog converter.
9
D1
(DATA1) One-of-three control bits for the internal digital-to-analog converter.
10
OUTA
One-of-two output load connections.
11
SENSE
Connection to the sink-transistor emitters. Sense resistor RS is connected between this
point and ground.
12-13
GROUND
Return for the logic supply (VCC) and load supply (VBB); the reference for all voltage
measurements.
14
D0
(DATA0) One-of-three (LSB) control bits for the internal digital-to-analog converter.
15
OUTB
One-of-two output load connections.
16
LOAD SUPPLY (VBB) Supply voltage for the load.
Note the A4975SB (DIP) and the A4975SLB
(SOIC) are electrically identical and share a
common terminal number assignment.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
GROUND
GROUND
LOGIC
SUPPLY
PHASE
GROUND
GROUND
RC
SENSE
D
REF
LOAD
SUPPLY
VCC
OUTB
OUTA
VBB
LOGIC
PFD
1
D0
D 2


Similar Part No. - A4975

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
A497-0005-A3 BEL-A497-0005-A3 Datasheet
62Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A497-0010-06 BEL-A497-0010-06 Datasheet
60Kb / 1P
   1 TAP LEADING EDGE CONTROL PRECISE DELAY MODULES
A497-0010-A3 BEL-A497-0010-A3 Datasheet
62Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A497-0015-A3 BEL-A497-0015-A3 Datasheet
62Kb / 1P
   TRIPLE LINE LEADING EDGE CONTROL PRECISE DELAY MODULES
A497-0020-06 BEL-A497-0020-06 Datasheet
60Kb / 1P
   1 TAP LEADING EDGE CONTROL PRECISE DELAY MODULES
More results

Similar Description - A4975

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3955 ALLEGRO-A3955_12 Datasheet
520Kb / 14P
   Full-Bridge PWM Microstepping Motor Driver
3957 ALLEGRO-3957 Datasheet
150Kb / 16P
   FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
A3955 ALLEGRO-A3955 Datasheet
423Kb / 13P
   Full-Bridge PWM Microstepping Motor Driver
3955 ALLEGRO-3955 Datasheet
131Kb / 16P
   FULL-BRIDGE PWM MICROSTEPPING MOTOR DRIVER
logo
Shindengen Electric Mfg...
MTD2017G SHINDENGEN-MTD2017G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2018G SHINDENGEN-MTD2018G Datasheet
120Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2018F SHINDENGEN-MTD2018F Datasheet
91Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
MTD2017F SHINDENGEN-MTD2017F Datasheet
91Kb / 5P
   Dual Full-bridge Microstepping PWM Motor Driver
logo
Allegro MicroSystems
A3992 ALLEGRO-A3992_13 Datasheet
549Kb / 13P
   DMOS Dual Full-Bridge Microstepping PWM Motor Driver
A3972 ALLEGRO-A3972 Datasheet
312Kb / 10P
   Dual DMOS Full-Bridge Microstepping PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com