Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC94310-4YCS Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC94310-4YCS
Description  200mA LDO with Ripple Blocker??Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94310-4YCS Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC94310-4YCS Datasheet HTML 3Page - Micrel Semiconductor MIC94310-4YCS Datasheet HTML 4Page - Micrel Semiconductor MIC94310-4YCS Datasheet HTML 5Page - Micrel Semiconductor MIC94310-4YCS Datasheet HTML 6Page - Micrel Semiconductor MIC94310-4YCS Datasheet HTML 7Page - Micrel Semiconductor MIC94310-4YCS Datasheet HTML 8Page - Micrel Semiconductor MIC94310-4YCS Datasheet HTML 9Page - Micrel Semiconductor MIC94310-4YCS Datasheet HTML 10Page - Micrel Semiconductor MIC94310-4YCS Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Micrel, Inc.
MIC94310
February 2012
7
M9999-020612-A
Typical Characteristics (Continued)
Dropout Voltage
vs. Output Current
0
5
10
15
20
25
30
35
-120
-100
-80
-60
-40
-20
0
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
FREQUENCY (Hz)
PSRR COUT = 10µF
VIN = 3.6V
VIN = 2.5V
VIN = 2.0V
VIN = VIN(NOM) + 40mVpp
LOAD = 100mA
VOUT = 1.8V
10
100
1K
10K
100K
1M
10M
-120
-100
-80
-60
-40
-20
0
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
FREQUENCY (Hz)
PSRR (Varying COUT)
COUT = 2.2µF
COUT = 1µF
COUT = 0.47µF
VIN = 2.5V + 40mVpp
LOAD = 100mA
VOUT = 1.8V
10
100
1K
10K
100K
1M
10M
PSRR (Varying COUT)
-120
-100
-80
-60
-40
-20
0
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
FREQUENCY (Hz)
COUT = 2.2µF
COUT = 10µF
COUT = 4.7µF
VIN = 2.5V + 40mVpp
LOAD = 100mA
VOUT = 1.8V
10
100
1K
10K
100K
1M
10M
0
25
50
75
100
125
150
175
200
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
1.700
1.725
1.750
1.775
1.800
1.825
1.850
1.875
1.900
Output Voltage
vs. Input Voltage
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
0
20
40
60
80 100 120 140 160 180 200
OUTPUT CURRENT (mA)
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
INPUT VOLTAGE (V)
IOUT = 200mA
VIN = 3.6V
CIN = COUT = 1µF
Ground Current
vs. Output Current
150
155
160
165
170
175
Output Noise Spectral Density
0.01
0.10
1.00
10.00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
FREQUENCY (Hz)
VIN = VEN = 3.1V
CIN = COUT = 1µF
VOUT = 1.8V
NOISE (10Hz to 100kHz)
= 82.55µVRMS
10
100
1k
10k
100k
1M
0
20
40
60
80 100 120 140 160 180 200
OUTPUT CURRENT (mA)
VIN =2.8V
CIN = COUT =1µF
Ground Current
vs. Input Voltage
120
130
140
150
160
170
180
190
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
INPUT VOLTAGE (V)
IOUT = 100mA
IOUT = 200mA
CIN = COUT =1µF


Similar Part No. - MIC94310-4YCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310-4YCS MICREL-MIC94310-4YCS Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310-4YCS-TR MICROCHIP-MIC94310-4YCS-TR Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
More results

Similar Description - MIC94310-4YCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
   200mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310_14 Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94325 MICREL-MIC94325 Datasheet
533Kb / 16P
   500mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
   500mA Switch with Ripple Blocker??Technology
logo
Mitsumi Electronics, Co...
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
   200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
   200mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com