Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2789-XYMT Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2789-XYMT
Description  Push-Button Reset IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2789-XYMT Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2789-XYMT Datasheet HTML 1Page - Micrel Semiconductor MIC2789-XYMT Datasheet HTML 2Page - Micrel Semiconductor MIC2789-XYMT Datasheet HTML 3Page - Micrel Semiconductor MIC2789-XYMT Datasheet HTML 4Page - Micrel Semiconductor MIC2789-XYMT Datasheet HTML 5Page - Micrel Semiconductor MIC2789-XYMT Datasheet HTML 6Page - Micrel Semiconductor MIC2789-XYMT Datasheet HTML 7Page - Micrel Semiconductor MIC2789-XYMT Datasheet HTML 8Page - Micrel Semiconductor MIC2789-XYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Micrel, Inc.
MIC2788/MIC2789
October 2011
5
M9999-102711-A
Electrical Characteristics
(4) (Continued)
VIN = 3.0V, TA = 25°C, Bold values indicate –40°C ≤ TA ≤ +85°C; unless noted otherwise.
Parameter
Conditions
Min.
Typ.
Max.
Units
Manual Reset Inputs (/MR0, /MR1)
Input High Voltage (VIH)
1.2
V
Input Low Voltage (VIL)
0.3
V
Internal Pull-Up Resistor (RPU)
MIC2788 only
65
kΩ
Leakage Current /MR0, /MR1 pin
(IMR)
/MR0, /MR1 inputs; MIC2789 only
−1.0
1.0
μA
Programmable Setup Delay Input (PDY)
PDY = VIN, /MR0 = /MR1 = 0V
+60
μA
PDY = VIN, /MR0 = VIN or /MR1= VIN
100
nA
PDY = 0V, /MR0 = /MR1 = 0V
-60
μA
Input Bias Current PDY Pin (IPDY)
PDY = 0V, /MR0 = VIN or /MR1 = VIN
100
nA


Similar Part No. - MIC2789-XYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2782 MICREL-MIC2782 Datasheet
467Kb / 15P
   Dual-Input Push Button Reset IC
MIC2782CLYCS MICREL-MIC2782CLYCS Datasheet
440Kb / 16P
   Dual-Input Push Button Reset IC with Immediate and Delayed Outputs
MIC2782CLYCS MICREL-MIC2782CLYCS Datasheet
467Kb / 15P
   Dual-Input Push Button Reset IC
MIC2782CMYCS MICREL-MIC2782CMYCS Datasheet
440Kb / 16P
   Dual-Input Push Button Reset IC with Immediate and Delayed Outputs
MIC2782CMYCS MICREL-MIC2782CMYCS Datasheet
467Kb / 15P
   Dual-Input Push Button Reset IC
More results

Similar Description - MIC2789-XYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2782 MICREL-MIC2782 Datasheet
467Kb / 15P
   Dual-Input Push Button Reset IC
MIC2786 MICREL-MIC2786 Datasheet
585Kb / 17P
   Push-Button Reset IC with Voltage Supervisor
logo
Kinetic Technologies.
KTS1613 KINETIC-KTS1613 Datasheet
403Kb / 9P
   Dual-Input Smart Push-Button Reset IC
November 2018 - Revision 04b
logo
STMicroelectronics
SPC56P-DISCOVERY STMICROELECTRONICS-SPC56P-DISCOVERY Datasheet
133Kb / 6P
   Reset push button
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
   Dual Push-Button Reset
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
logo
Micrel Semiconductor
MIC2782 MICREL-MIC2782_12 Datasheet
440Kb / 16P
   Dual-Input Push Button Reset IC with Immediate and Delayed Outputs
logo
STMicroelectronics
STM6904 STMICROELECTRONICS-STM6904 Datasheet
169Kb / 21P
   Quad, ultralow voltage supervisor with push-button reset
STM6905 STMICROELECTRONICS-STM6905 Datasheet
175Kb / 19P
   Quintuple, ultralow voltage supervisor with push-button reset
logo
Kinetic Technologies.
KTS1612 KINETIC-KTS1612 Datasheet
513Kb / 13P
   Smart Push-Button Reset with Two Discharge Paths
November 2018 - Revision 04d
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com