Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC94310-FYCS Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC94310-FYCS
Description  200mA LDO with Ripple Blocker??Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94310-FYCS Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC94310-FYCS Datasheet HTML 1Page - Micrel Semiconductor MIC94310-FYCS Datasheet HTML 2Page - Micrel Semiconductor MIC94310-FYCS Datasheet HTML 3Page - Micrel Semiconductor MIC94310-FYCS Datasheet HTML 4Page - Micrel Semiconductor MIC94310-FYCS Datasheet HTML 5Page - Micrel Semiconductor MIC94310-FYCS Datasheet HTML 6Page - Micrel Semiconductor MIC94310-FYCS Datasheet HTML 7Page - Micrel Semiconductor MIC94310-FYCS Datasheet HTML 8Page - Micrel Semiconductor MIC94310-FYCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
MIC94310
February 2012
3
M9999-020612-A
Pin Configuration
4-Ball 0.88mm
× 0.88mm CSP (CS)
4-Pin 1.2mm
× 1.6mm Thin MLF® (MT)
Top View
Top View
Pin Description
Pin Number
(Thin MLF
®)
Ball Number
(CSP)
Pin Name
Pin Name
1
A2
VOUT
Power switch output.
2
B2
GND
Ground.
3
B1
EN
Enable input. A logic HIGH signal on this pin enables the part. Logic LOW
disables the part. Do not leave floating.
4
A1
VIN
Power switch input and chip supply.
EP
ePad
Exposed Heatsink Pad. Connect to Ground for best thermal performance.


Similar Part No. - MIC94310-FYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310-FYCS MICREL-MIC94310-FYCS Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
More results

Similar Description - MIC94310-FYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
   200mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310_14 Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94325 MICREL-MIC94325 Datasheet
533Kb / 16P
   500mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
   500mA Switch with Ripple Blocker??Technology
logo
Mitsumi Electronics, Co...
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
   200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
   200mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com