Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7004NUX Datasheet(PDF) 7 Page - Rohm

Part # BD7004NUX
Description  CMOS LDO Regulator for Portable Equipments Dual, Low-Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7004NUX Datasheet(HTML) 7 Page - Rohm

Back Button BD7004NUX Datasheet HTML 3Page - Rohm BD7004NUX Datasheet HTML 4Page - Rohm BD7004NUX Datasheet HTML 5Page - Rohm BD7004NUX Datasheet HTML 6Page - Rohm BD7004NUX Datasheet HTML 7Page - Rohm BD7004NUX Datasheet HTML 8Page - Rohm BD7004NUX Datasheet HTML 9Page - Rohm BD7004NUX Datasheet HTML 10Page - Rohm BD7004NUX Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Technical Note
7/13
www.rohm.com
2012.01 - Rev.C
© 2012 ROHM Co., Ltd. All rights reserved.
BD7003NUX,BD7004NUX
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage(V)
VOUT2=1.5V
Io=300mA
Io=1mA
Io=10mA
Io=0mA
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage(V)
VOUT1=3.3V
Io=300mA
Io=1mA
Io=10mA
Io=0mA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
2.5
3
3.5
4
4.5
5
5.5
Input Volt age(V)
Io=300mA
Io=1mA
Io=10mA
Io=0mA
VOUT2=1.5V
0
0.5
1
1.5
2
2.5
3
3.5
3.7
4.2
4.7
5.2
Input Voltage(V)
VOUT1=3.3V
Io=300mA
Io=1mA
Io=10mA
Io=0mA
Typical Operating Characteristics
The test conditions for the Typical Operating Characteristics are VIN=3.7V, CIN=1.0uF, COUT=1.0uF, Ta=25℃, Unless otherwise noted.
0
20
40
60
80
100
0
0.5
1 1.5
2
2.5
3
3.5
4 4.5
5
5.5
Input Voltage (V)
Ta=85℃
Ta=25℃
Ta=-40℃
P1=P2=GND
P1=P2=GND
0
1
2
3
4
5
6
7
8
9
10
00.5
11.5
22.5
33.5
44.5
55.5
Input Voltage (V)
Ta=85℃
Ta=25℃
Ta=-40℃
P1=P2=GND
P1=P2=GND
0
20
40
60
80
100
0 0.5 1 1.522.533.54 4.5 5 5.5
Input Voltage (V)
Ta=85℃
Ta=25℃
Ta=-40℃
P1=P2=GND
P1=P2=GND
0
20
40
60
80
100
00.511.5 2 2.533.5 44.5 55.5
Input Voltage (V)
Ta=85℃
Ta=25℃
Ta=-40℃
P1=P2=GND
P1=P2=GND
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0 0.511.522.533.544.5 55.5
Input Voltage (V)
Ta=85℃
Ta=25℃
Ta=-40℃
P1=P2=GND
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0 0.5 11.5 22.533.5 44.5 55.5
Input Voltage(V)
Ta=85℃
Ta=25℃
Ta=-40℃
P1=P2=GND
0
0.2
0.4
0.6
0.8
1
1.2
1.4
00.5
11.5
22.5
33.5
44.5
55.5
Input Voltage(V)
Io=300mA
Io=1mA
Io=10mA
Io=0mA
VOUT1=1.2V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2 .53
3.54
4 .5
55.5
Input Volt age(V)
Io=300mA
Io=1mA
Io=10mA
Io=0mA
VOUT1= 1.2V
Fig.11. Circuit Current
(VOUT1=1.8V,VOUT2=2.9
V) EN1=VIN, EN2=GND
Fig.10. Circuit Current
(VOUT1=1.8V,VOUT2=2.9V)
EN1=EN2=GND
Fig.8. Line Regulation
(VOUT2=1.5V)
Fig.7. Line Regulation
(VOUT1=1.2V)
Fig.5. Output Voltage
(VOUT2=1.5V)
Fig.4. Output Voltage
(VOUT1=1.2V)
Fig.12. Circuit Current
(VOUT1=1.8V,VOUT2=2.9V)
EN1=GND, EN2=VIN
Fig.13. Circuit Current
(VOUT1=1.8V,VOUT2=2.9V)
EN1=EN2=VIN
Fig.6. Output Voltage
(VOUT1=3.3V)
Fig.9. Line Regulation
(VOUT1=3.3V)
Fig.14. EN1 Input Current
Fig.15. EN2 Input Current


Similar Part No. - BD7004NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7004NUX ROHM-BD7004NUX Datasheet
639Kb / 14P
   Dual, Low-Dropout Linear Regulator
More results

Similar Description - BD7004NUX

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Diodes Incorporated
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
Diodes Incorporated
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com