Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7003NUX Datasheet(PDF) 10 Page - Rohm

Part # BD7003NUX
Description  CMOS LDO Regulator for Portable Equipments Dual, Low-Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7003NUX Datasheet(HTML) 10 Page - Rohm

Back Button BD7003NUX Datasheet HTML 6Page - Rohm BD7003NUX Datasheet HTML 7Page - Rohm BD7003NUX Datasheet HTML 8Page - Rohm BD7003NUX Datasheet HTML 9Page - Rohm BD7003NUX Datasheet HTML 10Page - Rohm BD7003NUX Datasheet HTML 11Page - Rohm BD7003NUX Datasheet HTML 12Page - Rohm BD7003NUX Datasheet HTML 13Page - Rohm BD7003NUX Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Technical Note
10/13
www.rohm.com
2012.01 - Rev.C
© 2012 ROHM Co., Ltd. All rights reserved.
BD7003NUX,BD7004NUX
Fig.40. Load Response
(VOUT1=1.2V)
IOUT=1mA→150mA
Fig.41. Load Response
(VOUT1=3.3V)
IOUT=1mA→150mA
Fig.42. Load Response
(VOUT1=1.2V)
IOUT=150mA→1mA
Fig.43. Load Response
(VOUT1=3.3V)
IOUT=150mA→1mA
1.2V
Iout=150mA->1mA
Vout1
100mA/div
40μsec/div
200mV/div
1.2V
Iout=1mA->150mA
Vout1
100mA/div
40μsec/div
200mV/div
Iout=1mA->150mA
Vout1
100mA/div
40μsec/div
200mV/div
3.3V
Iout=150mA->1mA
Vout1
100mA/div
40μsec/div
200mV/div
3.3V


Similar Part No. - BD7003NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7003NUX ROHM-BD7003NUX Datasheet
155Kb / 5P
   Silicon Monolithic Integrated Circuit
BD7003NUX ROHM-BD7003NUX Datasheet
639Kb / 14P
   Dual, Low-Dropout Linear Regulator
BD7003NUX-E2 ROHM-BD7003NUX-E2 Datasheet
639Kb / 14P
   Dual, Low-Dropout Linear Regulator
More results

Similar Description - BD7003NUX

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
   CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Diodes Incorporated
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
Diodes Incorporated
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com