Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8962MUV Datasheet(PDF) 4 Page - Rohm

Part # BD8962MUV
Description  2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8962MUV Datasheet(HTML) 4 Page - Rohm

  BD8962MUV Datasheet HTML 1Page - Rohm BD8962MUV Datasheet HTML 2Page - Rohm BD8962MUV Datasheet HTML 3Page - Rohm BD8962MUV Datasheet HTML 4Page - Rohm BD8962MUV Datasheet HTML 5Page - Rohm BD8962MUV Datasheet HTML 6Page - Rohm BD8962MUV Datasheet HTML 7Page - Rohm BD8962MUV Datasheet HTML 8Page - Rohm BD8962MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4/18
BD8962MUV
Datasheet
02.MAR.2012 Rev.001
www.rohm.com
TSZ2201-0J3J0AJ00030-1-2
©
ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
●Typical Performance Curves
Fig.4 Vcc - VOUT
Fig.6 IOUT - VOUT
Fig.7 Ta - VOUT
Fig.5 VEN - VOUT


Similar Part No. - BD8962MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8962MUV ROHM-BD8962MUV Datasheet
516Kb / 17P
   Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8962MUV ROHM-BD8962MUV Datasheet
1Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8962MUVE2 ROHM-BD8962MUVE2 Datasheet
1Mb / 26P
   Synchronous Buck Converter with Integrated FET
BD8962MUV ROHM-BD8962MUV_14 Datasheet
1Mb / 26P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD8962MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8963EFJ ROHM-BD8963EFJ_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9139MUV ROHM-BD9139MUV_12 Datasheet
957Kb / 22P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
   2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9132MUV ROHM-BD9132MUV_12 Datasheet
970Kb / 20P
   2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
BD91361MUV ROHM-BD91361MUV_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD9137MUV ROHM-BD9137MUV_12 Datasheet
971Kb / 21P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD9130NV ROHM-BD9130NV_12 Datasheet
931Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD8960NV ROHM-BD8960NV_12 Datasheet
988Kb / 19P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD9134MUV ROHM-BD9134MUV_12 Datasheet
1,011Kb / 21P
   4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com