Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9122GUL Datasheet(PDF) 10 Page - Rohm

Part # BD9122GUL
Description  2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9122GUL Datasheet(HTML) 10 Page - Rohm

Back Button BD9122GUL_12 Datasheet HTML 6Page - Rohm BD9122GUL_12 Datasheet HTML 7Page - Rohm BD9122GUL_12 Datasheet HTML 8Page - Rohm BD9122GUL_12 Datasheet HTML 9Page - Rohm BD9122GUL_12 Datasheet HTML 10Page - Rohm BD9122GUL_12 Datasheet HTML 11Page - Rohm BD9122GUL_12 Datasheet HTML 12Page - Rohm BD9122GUL_12 Datasheet HTML 13Page - Rohm BD9122GUL_12 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.rohm.com
TSZ02201-0J3J0AJ00110-1-2
©
ROHM Co., Ltd. All rights reserved.
10/17
02.MAR.2012 Rev.001
TSZ22111・15・001
0J3J0AJ00110
Datasheet
Information on Advantages
Advantage 1:Offers fast transient response with current mode control system.
Fig.24 Comparison of transient response
Advantage 2: Offers high efficiency for all load range.
・For lighter load:
Utilizes the current mode control mode called SLLM for lighter load, which reduces various dissipation such as switching
dissipation (PSW), gate charge/discharge dissipation, ESR dissipation of output capacitor (PESR) and on-resistance
dissipation (PRON) that may otherwise cause degradation in efficiency for lighter load.
Achieves efficiency improvement for lighter load.
・For heavier load:
Utilizes the synchronous rectifying mode and the low on-resistance
MOS FETs incorporated as power transistor.
ON resistance of P-
channel MOS FET : 0.3Ω(Typ.)
ON resistance of N-
channel MOS FET : 0.2Ω(Typ.)
Fig.25 Efficiency
Achieves efficiency improvement for heavier load.
Offers high efficiency for all load range with the improvements mentioned above.
Advantage 3:・Supplied in smaller package due to small-sized power MOS FET incorporated.
Reduces a mounting area required.
Fig.26 Example application
Output capacitor Co required for current mode control: 10μF ceramic capacitor
Inductance L required for the operating frequency of 1 MHz: 2.2μH inductor
0.001
0.01
0.1
1
0
50
100
PWM
SLLM
TM
①inprovement by SLLM system
②improvement by synchronous rectifier
Output current Io[A]
BD9122GUL(transient response IO=50mA⇔125mA)
VOUT
IOUT
VCC=3.3V
Ta=25℃
【VOUT=1.8V】
VOUT
IOUT
VCC=3.3V
Ta=25℃
【VOUT=1.8V】
Io=50→125mA
Io=125→50mA
DC/DC
Convertor
Controller
RITH
L
Co
VOUT
CITH
VCC
Cin
8mm
8mm
RITH
CITH
CIN CO
L
CVCC


Similar Part No. - BD9122GUL_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9122GUL ROHM-BD9122GUL_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD9122GUL_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9122GUL-E2 ROHM-BD9122GUL-E2 Datasheet
955Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
BD9132MUV ROHM-BD9132MUV_12 Datasheet
970Kb / 20P
   2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
BD9134MUV ROHM-BD9134MUV_12 Datasheet
1,011Kb / 21P
   4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
   2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD91361MUV ROHM-BD91361MUV_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD8967FVM ROHM-BD8967FVM_12 Datasheet
920Kb / 20P
   4.5V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD9137MUV ROHM-BD9137MUV_12 Datasheet
971Kb / 21P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD8963EFJ ROHM-BD8963EFJ_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD8964FVM ROHM-BD8964FVM_12 Datasheet
972Kb / 18P
   4.0V to 5.5V, 1.2A 1ch Synchronous Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com