Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9106FVM-TR Datasheet(PDF) 4 Page - Rohm

Part # BD9106FVM-TR
Description  4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9106FVM-TR Datasheet(HTML) 4 Page - Rohm

  BD9106FVM-TR Datasheet HTML 1Page - Rohm BD9106FVM-TR Datasheet HTML 2Page - Rohm BD9106FVM-TR Datasheet HTML 3Page - Rohm BD9106FVM-TR Datasheet HTML 4Page - Rohm BD9106FVM-TR Datasheet HTML 5Page - Rohm BD9106FVM-TR Datasheet HTML 6Page - Rohm BD9106FVM-TR Datasheet HTML 7Page - Rohm BD9106FVM-TR Datasheet HTML 8Page - Rohm BD9106FVM-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4/27
BD9102FVM BD9104FVM BD9106FVM
Datasheet
02.MAR.2012 Rev.001
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0J3J0AJ00080-1-2
●Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Limits
Unit
VCC voltage
VCC
-0.3 to +7
*1
V
PVCC voltage
PVCC
-0.3 to +7
*1
V
EN voltage
EN
-0.3 to +7
V
SW,ITH voltage
SW,ITH
-0.3 to +7
V
Power dissipation 1
Pd1
387.5
*2
mW
Power dissipation 2
Pd2
587.4
*3
mW
Operating temperature range
Topr
-25 to +85
Storage temperature range
Tstg
-55 to +150
Maximum junction temperature
Tjmax
+150
*1
Pd should not be exceeded.
*2
Derating in done 3.1mW/℃ for temperatures above Ta=25℃.
*3
Derating in done 4.7mW/℃ for temperatures above Ta=25℃,Mounted on 70mm×70mm×1.6mm Glass Epoxy PCB
●Operating Ratings(Ta=25℃)
Parameter
Symbol
BD9102FVM
BD9104FVM
BD9106FVM
Unit
Min.
Max.
Min.
Max.
Min.
Max.
VCC voltage
VCC
4.0
5.5
4.5
5.5
4.0
5.5
V
PVCC voltage
PVCC
*4
4.0
5.5
4.5
5.5
4.0
5.5
V
EN voltage
EN
0
VCC
0
VCC
0
VCC
V
SW average output current
Isw
*4
-
0.8
-
0.8
-
0.8
A
*4 Pd should not be exceeded.
●Electrical Characteristics
◎BD9102FVM(Ta=25℃,VCC=5V,EN=VCC unless otherwise specified.)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Standby current
ISTB
-
0
10
μA
EN=GND
Bias current
ICC
-
250
400
μA
EN Low voltage
VENL
-
GND
0.8
V
Standby mode
EN High voltage
VENH
2.0
VCC
-
V
Active mode
EN input current
IEN
-
1
10
μA
VEN=5V
Oscillation frequency
FOSC
0.8
1
1.2
MHz
Pch FET ON resistance
*5
RONP
-
0.35
0.60
Ω
PVCC=5V
Nch FET ON resistance
*5
RONN
-
0.25
0.50
Ω
PVCC=5V
Output voltage
VOUT
1.215
1.24
1.265
V
ITH SInk current
ITHSI
10
20
-
μA
VOUT=H
ITH Source Current
ITHSO
10
20
-
μA
VOUT=L
UVLO threshold voltage
VUVLOTh
2.6
2.7
2.8
V
VCC
=H→L
UVLO hysteresis voltage
VUVLOHys
50
100
200
mV
Soft start time
TSS
0.5
1
2
ms
Timer latch time
TLATCH
0.5
1
2
ms
*5 Design Guarantee(Outgoing inspection is not done on all products)


Similar Part No. - BD9106FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9106FVM-TR ROHM-BD9106FVM-TR Datasheet
3Mb / 50P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD9106FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8966FVM ROHM-BD8966FVM_12 Datasheet
876Kb / 19P
   4.0V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD8967FVM ROHM-BD8967FVM_12 Datasheet
920Kb / 20P
   4.5V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD8964FVM ROHM-BD8964FVM_12 Datasheet
972Kb / 18P
   4.0V to 5.5V, 1.2A 1ch Synchronous Buck Converter Integrated FET
BD9111NV ROHM-BD9111NV_12 Datasheet
878Kb / 19P
   4.0V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD8961NV ROHM-BD8961NV_12 Datasheet
842Kb / 18P
   4.5V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD9134MUV ROHM-BD9134MUV_12 Datasheet
1,011Kb / 21P
   4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
BD9161FVM ROHM-BD9161FVM_12 Datasheet
922Kb / 19P
   2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
BD9141MUV ROHM-BD9141MUV_12 Datasheet
1Mb / 21P
   4.5V to 13.2V, 2A 1ch Synchronous Buck Converter integrated FET
BD9132MUV ROHM-BD9132MUV_12 Datasheet
970Kb / 20P
   2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
BD9122GUL-E2 ROHM-BD9122GUL-E2 Datasheet
955Kb / 19P
   2.5V to 5.5V, 0.3A 1ch Synchronous Buck Converter integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com