Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9123MUV Datasheet(PDF) 10 Page - Rohm

Part # BD9123MUV
Description  2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9123MUV Datasheet(HTML) 10 Page - Rohm

Back Button BD9123MUV Datasheet HTML 6Page - Rohm BD9123MUV Datasheet HTML 7Page - Rohm BD9123MUV Datasheet HTML 8Page - Rohm BD9123MUV Datasheet HTML 9Page - Rohm BD9123MUV Datasheet HTML 10Page - Rohm BD9123MUV Datasheet HTML 11Page - Rohm BD9123MUV Datasheet HTML 12Page - Rohm BD9123MUV Datasheet HTML 13Page - Rohm BD9123MUV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
www.rohm.com
TSZ02201-0J3J0AJ00120-1-2
©
ROHM Co., Ltd. All rights reserved.
10/20
02.MAR.2012 Rev.001
TSZ22111・15・001
BD9123MUV
Datasheet
Description of Operations
・Soft-start function
EN terminal shifted to “High” activates a soft-starter to gradually establish the output voltage with the current limited during
startup, by which it is possible to prevent an overshoot of output voltage and an inrush current.
The inclination of standing up is different and the soft start time is different because of constancy depending on the value
offset output voltage.
When 1V settiing it, it is Tss=1msec(Typ.)
Fig.25 Soft start action
・Shutdown function
With EN terminal shifted to “Low”, the device turns to Standby Mode, and all the function blocks including reference
voltage circuit, internal oscillator and drivers are turned to OFF.
Circuit current during standby is 0µA(Typ.).
・UVLO function
Detects whether the input voltage sufficient to secure the output voltage of this IC is supplied.
And the hysteresis width
of 50mV (Typ.) is provided to prevent output chattering.
Fig.26 Soft start, Shutdown, UVLO timing chart
・PGOOD function
When the output voltage falls below 75% (Typ.) of a set value, the PGOOD pin of Open-Drain is turned off. And the
hysteresis width of 15% (Typ.) is provided to prevent output chattering.
Fig.27 PGOOD timing chart
UVLO
EN
UVLO
UVLO
Hysteresis 50mV
Tss
Tss
Tss
Soft start
Standby mode
Operating mode
Standby
mode
Operating mode
Standby
mode
Operating mode
Standby mode
EN
Vcc
VOUT
VCC,EN
Tss
Tss’
1.2V
0.85V
[ms]
VOUT
90%
The hysteresis width
VOUT
75%
PGOOD
TGP


Similar Part No. - BD9123MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9123MUV ROHM-BD9123MUV Datasheet
140Kb / 5P
   1ch DC竊뢈C Converter IC built in synchronous rectifier
BD9123MUV ROHM-BD9123MUV Datasheet
435Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9123MUV ROHM-BD9123MUV Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
BD9123MUV-E2 ROHM-BD9123MUV-E2 Datasheet
435Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9123MUV-E2 ROHM-BD9123MUV-E2 Datasheet
1Mb / 28P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD9123MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9132MUV ROHM-BD9132MUV_12 Datasheet
970Kb / 20P
   2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
BD91361MUV ROHM-BD91361MUV_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD9137MUV ROHM-BD9137MUV_12 Datasheet
971Kb / 21P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD8964FVM ROHM-BD8964FVM_12 Datasheet
972Kb / 18P
   4.0V to 5.5V, 1.2A 1ch Synchronous Buck Converter Integrated FET
BD8963EFJ ROHM-BD8963EFJ_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9130NV ROHM-BD9130NV_12 Datasheet
931Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9139MUV ROHM-BD9139MUV_12 Datasheet
957Kb / 22P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD8960NV ROHM-BD8960NV_12 Datasheet
988Kb / 19P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD8962MUV ROHM-BD8962MUV_12 Datasheet
979Kb / 20P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com