Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9130NV Datasheet(PDF) 1 Page - Rohm

Part # BD9130NV
Description  2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9130NV Datasheet(HTML) 1 Page - Rohm

  BD9130NV_12 Datasheet HTML 1Page - Rohm BD9130NV_12 Datasheet HTML 2Page - Rohm BD9130NV_12 Datasheet HTML 3Page - Rohm BD9130NV_12 Datasheet HTML 4Page - Rohm BD9130NV_12 Datasheet HTML 5Page - Rohm BD9130NV_12 Datasheet HTML 6Page - Rohm BD9130NV_12 Datasheet HTML 7Page - Rohm BD9130NV_12 Datasheet HTML 8Page - Rohm BD9130NV_12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.rohm.com
TSZ02201-0J3J0AJ00130-1-2
©
ROHM Co., Ltd. All rights reserved.
1/18
02.MAR.2012 Rev.001
TSZ22111・14・001
Datasheet
2.7V to 5.5V, 2.0A 1ch
Synchronous Buck Converter integrated FET
BD9130NV
●General Description
ROHM’s high efficiency step-down switching regulator
BD9130NV is a power supply designed to produce a
low voltage including 1 volts from 5.5/3.3 volts power
supply line. Offers high efficiency with our original
pulse skip control technology and synchronous rectifier.
Employs a current mode control system to provide
faster transient response to sudden change in load.
●Features
Offers fast transient response with current mode
PWM control system.
Offers highly efficiency for all load range with
synchronous rectifier (Nch/Pch FET)
and SLLM
TM(Simple Light Load Mode)
Incorporates soft-start function.
Incorporates thermal protection and ULVO
functions.
Incorporates short-current protection circuit with
time delay function.
Incorporates shutdown function
●Key Specifications
 Input voltage range:
2.7V to 5.5V
 Output voltage range:
1.0V to 2.5V
 Output current:
2.0A (Max.)
 Switching frequency:
1MHz(Typ.)
 Pch FET ON resistance:
200mΩ(Typ.)
 Nch FET ON resistance:
160mΩ(Typ.)
 Standby current:
0μA (Typ.)
 Operating temperature range:
-25℃ to +105℃
●Package
SON008V5060:
5.00mm x 6.00mm x 1.00mm
●Applications
Power supply for LSI including DSP, Micro computer
and ASIC
●Typical Application Circuit
Fig.1 Typical Application Circuit
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.


Similar Part No. - BD9130NV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9130NV ROHM-BD9130NV_14 Datasheet
1Mb / 25P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD9130NV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD8960NV ROHM-BD8960NV_12 Datasheet
988Kb / 19P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
   2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9132MUV ROHM-BD9132MUV_12 Datasheet
970Kb / 20P
   2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
BD91361MUV ROHM-BD91361MUV_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD9137MUV ROHM-BD9137MUV_12 Datasheet
971Kb / 21P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD8963EFJ ROHM-BD8963EFJ_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9139MUV ROHM-BD9139MUV_12 Datasheet
957Kb / 22P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD8962MUV ROHM-BD8962MUV_12 Datasheet
979Kb / 20P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9111NV ROHM-BD9111NV_12 Datasheet
878Kb / 19P
   4.0V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com