Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9141MUV Datasheet(PDF) 11 Page - Rohm

Part # BD9141MUV
Description  4.5V to 13.2V, 2A 1ch Synchronous Buck Converter integrated FET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9141MUV Datasheet(HTML) 11 Page - Rohm

Back Button BD9141MUV_12 Datasheet HTML 7Page - Rohm BD9141MUV_12 Datasheet HTML 8Page - Rohm BD9141MUV_12 Datasheet HTML 9Page - Rohm BD9141MUV_12 Datasheet HTML 10Page - Rohm BD9141MUV_12 Datasheet HTML 11Page - Rohm BD9141MUV_12 Datasheet HTML 12Page - Rohm BD9141MUV_12 Datasheet HTML 13Page - Rohm BD9141MUV_12 Datasheet HTML 14Page - Rohm BD9141MUV_12 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
www.rohm.com
TSZ02201-0J3J0AJ00180-1-2
©2012 ROHM Co., Ltd. All rights reserved.
11/19
02.MAR.2012 Rev.001
TSZ22111・15・001
BD9141MUV
Datasheet
●Switching Regulator Efficiency
Efficiency ŋ may be expressed by the equation shown below:
Efficiency may be improved by reducing the switching regulator power dissipation factors PDα as follows:
Dissipation factors:
1) ON resistance dissipation of inductor and FET:PD(I
2R)
2) Gate charge/discharge dissipation:PD(Gate)
3) Switching dissipation:PD(SW)
4) ESR dissipation of capacitor:PD(ESR)
5) Operating current dissipation of IC:PD(IC)
1)PD(I
2R)=IOUT2×(RCOIL+RON) (RCOIL[Ω]:DC resistance of inductor, RON[Ω]:ON resistance of FET, IOUT[A]:Output
current.)
2)PD(Gate)=Cgs×f×V
2
(Cgs[F]:Gate capacitance of FET, f[H]:Switching frequency, V[V]:Gate driving voltage of FET)
4)PD(ESR)=IRMS
2×ESR (IRMS[A]:Ripple current of capacitor, ESR[Ω]:Equivalent series resistance.)
5)PD(IC)=Vin×ICC
(ICC[A]:Circuit current.)
●Consideration on Permissible Dissipation and Heat Generation
As this IC functions with high efficiency without significant heat generation in most applications, no special consideration is
needed on permissible dissipation or heat generation.
In case of extreme conditions, however, including lower input
voltage, higher output voltage, heavier load, and/or higher temperature, the permissible dissipation and/or heat generation
must be carefully considered.
For dissipation, only conduction losses due to DC resistance of inductor and ON resistance of FET are considered.
Because the conduction losses are considered to play the leading role among other dissipation mentioned above including
gate charge/discharge dissipation and switching dissipation.
If VCC=8V, VOUT=5V, RONP=0.15Ω, RONN=0.08Ω
IOUT=2A, for example,
D=VOUT/VCC=5/8=0.625
RON=0.625×0.15+(1-0.625)×0.08
=0.09375+0.03
=0.12375[Ω]
P=2
2×0.12375=0.495[W]
As RONP is greater than RONN in this IC, the dissipation increases as the ON duty becomes greater.
With the
consideration on the dissipation as above, thermal design must be carried out with sufficient margin allowed.
η=
VOUT×IOUT
Vin×Iin
×100[%]=
POUT
Pin
×100[%]=
POUT
POUT+PDα
×100[%]
Vin
2×CRSS×IOUT×f
IDRIVE
3)PD(SW)=
(CRSS[F]:Reverse transfer capacitance of FET, IDRIVE[A]:Peak current of gate.)
Fig.27 Thermal derating curve
(VQFN020V4040)
P=IOUT
2×RON
RON=D×RONP+(1-D)RONN
D:ON duty (=VOUT/VCC)
RCOIL:DC resistance of coil
RONP:ON resistance of P-channel MOS FET
RONN:ON resistance of N-channel MOS FET
IOUT:Output current
Ambient temperature:Ta [℃]
0
25
50
75
100
125
150
0
2.0
3.0
4.0
②2.21W
①3.56W
1.0
③0.70W
④0.34W
① 4 layers (Copper foil area : 5505mm
2)
copper foil in each layers.
θj-a=35.1℃/W
② 4 layers (Copper foil area : 10.29m
2)
copper foil in each layers.
θj-a=56.6℃/W
③ 4 layers (Copper foil area : 10.29m
2)
θj-a=178.6℃/W
④ IC only.
θj-a=367.6℃/W
105


Similar Part No. - BD9141MUV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9141MUV ROHM-BD9141MUV_15 Datasheet
958Kb / 26P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD9141MUV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9161FVM ROHM-BD9161FVM_12 Datasheet
922Kb / 19P
   2.5V to 4.5V, 0.6A 1ch Synchronous Buck Converter Integrated FET
BD8961NV ROHM-BD8961NV_12 Datasheet
842Kb / 18P
   4.5V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD9134MUV ROHM-BD9134MUV_12 Datasheet
1,011Kb / 21P
   4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
BD8967FVM ROHM-BD8967FVM_12 Datasheet
920Kb / 20P
   4.5V to 5.5V, 0.8A 1ch Synchronous Buck Converter integrated FET
BD9161FVM-LB ROHM-BD9161FVM-LB Datasheet
2Mb / 23P
   2.5V to 4.5V, Input 0.6A Integrated FET 1ch Synchronous Buck Converter
BD9102FVM ROHM-BD9102FVM_12 Datasheet
1Mb / 29P
   4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
   4.5V to 18V, 5A 1ch Synchronous Buck Converter
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
   4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD9G341AEFJ-LB ROHM-BD9G341AEFJ-LB Datasheet
2Mb / 30P
   1ch Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com