Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD63801EFV Datasheet(PDF) 6 Page - Rohm

Part # BD63801EFV
Description  Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63801EFV Datasheet(HTML) 6 Page - Rohm

  BD63801EFV Datasheet HTML 1Page - Rohm BD63801EFV Datasheet HTML 2Page - Rohm BD63801EFV Datasheet HTML 3Page - Rohm BD63801EFV Datasheet HTML 4Page - Rohm BD63801EFV Datasheet HTML 5Page - Rohm BD63801EFV Datasheet HTML 6Page - Rohm BD63801EFV Datasheet HTML 7Page - Rohm BD63801EFV Datasheet HTML 8Page - Rohm BD63801EFV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Technical Note
6/8
BD63801EFV
www.rohm.com
2012.02 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
Operation Notes
(1) Absolute maximum ratings
Use of the IC in excess of absolute maximum ratings (such as the input voltage or operating temperature range) may
result in damage to the IC. Assumptions should not be made regarding the state of the IC (e.g., short mode or open
mode) when such damage is suffered. If operational values are expected to exceed the maximum ratings for the device,
consider adding protective circuitry (such as fuses) to eliminate the risk of damaging the IC.
(2) Power supply polarity
Connecting the power supply with a reverse polarity can damage IC. Take precautions when connecting the power
supply lines. An external diode can be connected to the input for extra protection.
(3) Power supply lines
PCB design should allow for low-impedance GND and supply lines. To minimize noise on these lines, the GND section
and supply lines of the digital and analog blocks should be routed separately on the PCB. Furthermore, for all power IC
supply terminals, a capacitor should be connected between the power supply and GND terminal. If using electrolytic
capacitors, note that their capacitance values may be reduced at lower temperatures.
(4) GND potential
The potential of the GND pin must be the minimum potential in the system in all operating conditions. Ensure that no
pins are at a voltage below the GND at any time, regardless of transient characteristics.
(5) Backside heat slag
The metal heat slag integrated on the backside of the IC is connected internally with the backside of the IC die.
Therefore, it should always be connected to GND. Connecting to any other potential may cause malfunction or
destruction of the IC.
(6) Thermal design
Use a thermal design that allows for a sufficient margin for the package’s rated power dissipation (Pd) under actual
operating conditions. Keep in mind that the packaging of this IC series has been designed with an exposed heat slag on
the backside of the package, and that this heat slag should be soldered completely to as broad a GND pattern as
possible (on both the base fin of the slag as well as the entire backside) to improve heat dissipation.
(7) Inter-pin shorts and mounting errors
Use caution when orienting and positioning the IC for mounting on printed circuit boards. Improper mounting may result in
damage to the IC. Shorts between output pins or between output pins and the power supply or GND pins (caused by
poor soldering or foreign objects) may result in damage to the IC.
(8) Operation in strong electromagnetic fields
Using this product in strong electromagnetic fields may cause IC malfunction. Caution should be exercised in applications
where strong electromagnetic fields may be present.
(9) ASO – Area of safe operation
When using the IC, ensure that operating conditions do not exceed absolute maximum ratings or ASO of the output
transistors.
(10) Thermal shutdown circuit
The IC incorporates a built-in thermal shutdown circuit, which is designed to force the motor output open if the IC’s
internal temperature exceeds Tjmax = 150°C. It is not designed to protect the IC from damage or guarantee its
operation. ICs should not be used after this function has activated, or in applications where the operation of this circuit
is assumed.
TSD on temperature [°C] (Typ.)
Hysteresis Temperature [°C] (Typ.)
175
25
(11) Testing on application boards
When testing the IC on an application board, connecting a capacitor directly to a low-impedance pin may subject the IC to
stress. Always discharge capacitors completely after each process or step. The IC’s power supply should always be
turned off completely before connecting or removing it from a jig or fixture during the evaluation process. To prevent
damage from static discharge, ground the IC during assembly and use similar precautions during transport and storage.


Similar Part No. - BD63801EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63801EFV ROHM-BD63801EFV Datasheet
117Kb / 5P
   Silicon monolithic integrated circuits
BD63801EFV ROHM-BD63801EFV Datasheet
134Kb / 5P
   Silicon monolithic integrated circuits
BD63801EFV ROHM-BD63801EFV_10 Datasheet
134Kb / 5P
   Silicon monolithic integrated circuits
More results

Similar Description - BD63801EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63940EFV ROHM-BD63940EFV_12 Datasheet
260Kb / 9P
   Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
BD6393FP ROHM-BD6393FP_12 Datasheet
260Kb / 9P
   Standard 36V Stepping Motor Drivers
BD6393FP-E2 ROHM-BD6393FP-E2 Datasheet
235Kb / 9P
   Standard 36V Stepping Motor Drivers
BD6395FP-E2 ROHM-BD6395FP-E2 Datasheet
389Kb / 11P
   Standard 36V Stepping Motor Drivers
BD63843EFV ROHM-BD63843EFV_12 Datasheet
267Kb / 9P
   Stepping Motor Driver series Micro step 36V Stepping Motor Drivers
BD6290EFV ROHM-BD6290EFV_12 Datasheet
261Kb / 9P
   Standard 36V Stepping Motor Driver
BD6290EFV-E ROHM-BD6290EFV-E Datasheet
236Kb / 9P
   Standard 36V Stepping Motor Driver
BD63860EFV ROHM-BD63860EFV_12 Datasheet
271Kb / 9P
   Stepping Motor Driver Series Microstep 36V Series Stepping Motor Driver
BD63620AEFV ROHM-BD63620AEFV Datasheet
2Mb / 27P
   36V Stepping Motor Driver
BD68610EFV ROHM-BD68610EFV Datasheet
1Mb / 23P
   36V Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com