Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD63843EFV Datasheet(PDF) 5 Page - Rohm

Part # BD63843EFV
Description  Stepping Motor Driver series Micro step 36V Stepping Motor Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63843EFV Datasheet(HTML) 5 Page - Rohm

  BD63843EFV_12 Datasheet HTML 1Page - Rohm BD63843EFV_12 Datasheet HTML 2Page - Rohm BD63843EFV_12 Datasheet HTML 3Page - Rohm BD63843EFV_12 Datasheet HTML 4Page - Rohm BD63843EFV_12 Datasheet HTML 5Page - Rohm BD63843EFV_12 Datasheet HTML 6Page - Rohm BD63843EFV_12 Datasheet HTML 7Page - Rohm BD63843EFV_12 Datasheet HTML 8Page - Rohm BD63843EFV_12 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Technical Note
5/8
BD63843EFV, BD63847EFV
www.rohm.com
2012.02 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
Under Voltage Lock Out (UVLO)
This IC has a built-in under voltage lock out function to prevent false operation such as IC output during power supply under
voltage. When the applied voltage to the VCC terminal goes under 15V (Typ.), the motor output is set to OPEN. This
switching voltage has a 1V (Typ.) hysteresis to prevent false operation by noise etc. Please be aware that this circuit does
not operate during power save mode. Also, the electrical angle is reset when the UVLO circuit operates during CLK-IN drive
mode.
Over Voltage Lock Out (OVLO)
This IC has a built-in over voltage lock out function to protect the IC output and the motor during power supply over voltage.
When the applied voltage to the VCC terminal goes over 32V (Typ.), the motor output is set to OPEN. This switching
voltage has a 1V (Typ.) hysteresis and a 4µs (Typ.) mask time to prevent false operation by noise etc. Although this over
voltage locked out circuit is built-in, there is a possibility of destruction if the absolute maximum value for power supply
voltage is exceeded, therefore the absolute maximum value should not be exceeded. Please be aware that this circuit does
not operate during power save mode.
Ghost Supply Prevention (protects against malfunction when power supply is disconnected)
If a signal (logic input, VREF, MTH) is input when there is no power supplied to this IC, there is a function which prevents
the false operation by voltage supplied via the electrostatic destruction prevention diode from these input terminals to the
VCC to this IC or to another IC’s power supply. Therefore, there is no malfunction of the circuit even when voltage is
supplied to these input terminals while there is no power supply.
Thermal derating curve
HTSSOP-B28 has exposed metal on the back, and it is possible to dissipate heat from a through hole in the back. Also, the
back of board as well as the surfaces has large areas of copper foil heat dissipation patterns, greatly increasing power
dissipation. The back metal is shorted with the back side of the IC chip, being a GND potential, therefore there is a
possibility for malfunction if it is shorted with any potential other than GND, which should be avoided. Also, it is
recommended that the back metal is soldered onto the GND to short. Please note that it has been assumed that this
product will be used in the condition of this back metal performed heat dissipation treatment for increasing heat dissipation
efficiency.
Fig.2 HTSSOP-B28 Thermal derating curve
Ambient temperature:Ta[C]
1.0
100
125
0
4.70W
4
3.30W
3
1.85W
2
1.45W
1
2.0
3.0
4.0
5.0
Measurement machine:TH156(Kuwano Electric)
Measurement condition:ROHM board
Board size:70mm*70mm*1.6mm
(With through holes on the board)
The exposed metal of the backside is connected to the board with solder.
Board①:1-layer board (Copper foil on the back 0mm)
Board②:2-layer board (Copper foil on the back 15mm*15mm)
Board③:2-layer board (Copper foil on the back 70mm*70mm)
Board④:4-layer board (Copper foil on the back 70mm*70mm)
Board①:θja=86.2°C W
Board②:θja=67.6°C W
Board③:θja=37.9°C W
Board④:θja=26.6°C W
50
25
85
75
150


Similar Part No. - BD63843EFV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63843EFV ROHM-BD63843EFV Datasheet
147Kb / 5P
   Silicon monolithic integrated circuits
More results

Similar Description - BD63843EFV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63521EFV ROHM-BD63521EFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63520AEFV ROHM-BD63520AEFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63524AEFV ROHM-BD63524AEFV Datasheet
1Mb / 27P
   Micro step 36V Stepping Motor Drivers
BD63801EFV ROHM-BD63801EFV_12 Datasheet
266Kb / 9P
   Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
BD63940EFV ROHM-BD63940EFV_12 Datasheet
260Kb / 9P
   Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
BD63860EFV ROHM-BD63860EFV_12 Datasheet
271Kb / 9P
   Stepping Motor Driver Series Microstep 36V Series Stepping Motor Driver
BD63620AEFV ROHM-BD63620AEFV Datasheet
2Mb / 27P
   36V Stepping Motor Driver
BD68610EFV ROHM-BD68610EFV Datasheet
1Mb / 23P
   36V Stepping Motor Driver
BD60223FP ROHM-BD60223FP Datasheet
2Mb / 29P
   36V Stepping Motor Driver
BD6393FP ROHM-BD6393FP_12 Datasheet
260Kb / 9P
   Standard 36V Stepping Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com