Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD63940EFV Datasheet(PDF) 3 Page - Rohm

Part # BD63940EFV
Description  Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD63940EFV Datasheet(HTML) 3 Page - Rohm

  BD63940EFV_12 Datasheet HTML 1Page - Rohm BD63940EFV_12 Datasheet HTML 2Page - Rohm BD63940EFV_12 Datasheet HTML 3Page - Rohm BD63940EFV_12 Datasheet HTML 4Page - Rohm BD63940EFV_12 Datasheet HTML 5Page - Rohm BD63940EFV_12 Datasheet HTML 6Page - Rohm BD63940EFV_12 Datasheet HTML 7Page - Rohm BD63940EFV_12 Datasheet HTML 8Page - Rohm BD63940EFV_12 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Technical Note
3/8
BD63940EFV, BD63960EFV
www.rohm.com
2012.02 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
Terminal function
1) BD63940EFV/BD63960EFV
Pin
No.
Pin name
Function
Pin
No.
Pin name
Function
1
PGND
Ground terminal
13
IN1A
Logic input terminal
2
IN2B
Logic input terminal
14
PGND
Ground terminal
3
VREF2
Output current value setting terminal
15
VCC1
Power supply terminal
4
CR2
Connection terminal of CR for setting
PWM frequency
16
OUT1A
H bridge output terminal
5
NC
Non connection
17
RNF1
Connection terminal of resistor for output
current detection
6
TEST
Terminal for testing
(used by connecting with GND)
18
OUT1B
H bridge output terminal
7
GND
Ground terminal
19
OUT2B
H bridge output terminal
8
PS
Power save terminal
20
RNF2
Connection terminal of resistor for output
current detection
9
CR1
Connection terminal of CR for setting
PWM frequency
21
OUT2A
H bridge output terminal
10
VREF1
Output current value setting terminal
22
VCC2
Power supply terminal
11
IN1B
Logic input terminal
23
NC
Non connection
12
NC
Non connection
24
IN2A
Logic input terminal
Block diagram・Application circuit diagram・Input output equivalent circuit diagram
Fig.1 Block diagram & Application circuit diagram
39kΩ
1000pF
Set the PWM frequency.
Setting range is
C:470pF~4700pF
R:10kΩ~100kΩ
39kΩ
1000pF
Set the PWM frequency.
Setting range is
C:470pF~4700pF
R:10kΩ~100kΩ
Terminal for testing.
Please connect to GND.
0.3Ω
Bypass capacitor.
Setting range is
100uF~470uF(electrolytic)
0.01uF~0.1uF(multilayer ceramic etc.)
Resistor for current detection.
Setting range is
0.2Ω~0.5Ω(BD63940EFV)
0.2Ω~0.4Ω(BD63960EFV)
0.3Ω
Be sure to short VCC1 & VCC2.
0.1uF
100uF
VREF1
CR1
10
Predriver
Current
Limit
Comp.
15
VCC1
18
OUT1B
ONE
SHOT
16
OUT1A
17
RNF1
9
OCP
Predriver
Current
Limit
Comp.
22
VCC2
19
OUT2B
21 OUT2A
20
RNF2
6
TEST
IN1B
IN1A
11
13
LOGIC
VREF2
CR2
3
ONE
SHOT
4
IN2B
IN2A
2
24
LOGIC
OCP
7
GND
14
PGND
TSD
OVLO
UVLO
8PS
Regulator
RESET
1
PGND
Resistor for current detection.
Setting range is
0.2Ω~0.5Ω(BD63940EFV)
0.2Ω~0.4Ω(BD63960EFV)


Similar Part No. - BD63940EFV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63940EFV-E ROHM-BD63940EFV-E Datasheet
236Kb / 9P
   the ultra simple type that provides the minimum function for driving stepping motor and various protection circuits.
More results

Similar Description - BD63940EFV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63801EFV ROHM-BD63801EFV_12 Datasheet
266Kb / 9P
   Stepping Motor Driver Series Standard 36V Stepping Motor Drivers
BD6393FP ROHM-BD6393FP_12 Datasheet
260Kb / 9P
   Standard 36V Stepping Motor Drivers
BD6393FP-E2 ROHM-BD6393FP-E2 Datasheet
235Kb / 9P
   Standard 36V Stepping Motor Drivers
BD6395FP-E2 ROHM-BD6395FP-E2 Datasheet
389Kb / 11P
   Standard 36V Stepping Motor Drivers
BD63843EFV ROHM-BD63843EFV_12 Datasheet
267Kb / 9P
   Stepping Motor Driver series Micro step 36V Stepping Motor Drivers
BD6290EFV ROHM-BD6290EFV_12 Datasheet
261Kb / 9P
   Standard 36V Stepping Motor Driver
BD6290EFV-E ROHM-BD6290EFV-E Datasheet
236Kb / 9P
   Standard 36V Stepping Motor Driver
BD63860EFV ROHM-BD63860EFV_12 Datasheet
271Kb / 9P
   Stepping Motor Driver Series Microstep 36V Series Stepping Motor Driver
BD63620AEFV ROHM-BD63620AEFV Datasheet
2Mb / 27P
   36V Stepping Motor Driver
BD68610EFV ROHM-BD68610EFV Datasheet
1Mb / 23P
   36V Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com