Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5125 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5125
Description  MPC5125 Microcontroller
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5125 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5125 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5125 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MPC5125
Rev. 4 , 09/2011
© Freescale Semiconductor, Inc., 2008–2011. All rights reserved.
MPC5125
324 TEPBGA
23 mm x 23 mm
The MPC5125 integrates a high performance e300 CPU core
based on the Power Architecture® Technology with a rich set
of peripheral functions focused on communications and
systems integration.
Major features of the MPC5125 are as follows:
e300 Power Architecture processor core (enhanced
version of the MPC603e core), operates as fast as
400 MHz
Low power design
Display interface unit (DIU)
DDR1, DDR2, low-power mobile DDR (LPDDR),
and 1.8 V/3.3 V SDR DRAM memory controllers
32 KB on-chip SRAM
USB 2.0 OTG controller with ULPI interface
DMA subsystem
Flexible multi-function external memory bus (EMB)
interface
NAND flash controller (NFC)
LocalPlus interface (LPC)
10/100Base Ethernet
MMC/SD/SDIO card host controller (SDHC)
Programmable serial controller (PSC)
Inter-integrated circuit (I2C) communication
interfaces
Controller area network (CAN)
J1850 byte data link controller (BDLC) interface
On-chip real-time clock (RTC)
On-chip temperature sensor
IC Identification module (IIM)
MPC5125 Microcontroller
Data Sheet


Similar Part No. - MPC5125

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5125 FREESCALE-MPC5125 Datasheet
646Kb / 92P
   MPC5125 Microcontroller Data Sheet
MPC5125YVN400 FREESCALE-MPC5125YVN400 Datasheet
646Kb / 92P
   MPC5125 Microcontroller Data Sheet
MPC5125YVN400R FREESCALE-MPC5125YVN400R Datasheet
646Kb / 92P
   MPC5125 Microcontroller Data Sheet
More results

Similar Description - MPC5125

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5125 FREESCALE-MPC5125 Datasheet
646Kb / 92P
   MPC5125 Microcontroller Data Sheet
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com