Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24PC Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # 24PC
Description  Commercial Switches and Sensors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

24PC Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  24PC Datasheet HTML 1Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 2Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 3Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 4Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 5Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 6Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 7Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 8Page - Honeywell Solid State Electronics Center 24PC Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
3
www.honeywell.com/sensing
CONTENTS
CONTENTS
Pressure Sensors
Page 4
Absolute, differential, gauge, and vacuum gauge pressure sensors for
media that are compatible with a silicon diaphragm. These sensors are
ideal for low-cost commercial grade applications, such as printed circuit
boards. Small and reliable, they offer excellent repeatability and high
accuracy under varying environmental conditions.
Mass Airflow Sensors
Page 10
Amplified and unamplified microbridge mass airflow sensors provide a
sensitive and fast response and high accuracy over a broad range of gas
and air flows.
Force Sensors
Page 13
Compact, extremely sensitive devices for precise, reliable performance in
any application that requires precision force measurement.
Humidity Sensors
Page 15
Relative humidity sensors with on-chip signal conditioning. Chemically
resistant packaging to accommodate harsh environments. Sensor
construction consists of a planar capacitor with a second polymer layer
to protect against dirt, dust, oils and other hazards.
Temperature Sensors - RTDs
Page 16
Platinum and silicon-based thin film resistance temperature devices
(RTDs) for applications that require small package size, accuracy and
linear outputs.
Temperature Sensors - Thermistors
Page 18
Precision Hi-Rel negative temperature coefficient (NTC) thermistors and
positive temperature coefficient (PTC) thermistors for use in a broad
variety of temperature measurement and control applications.
Temperature Sensors - Probes
Page 24
A variety of customized probes for use in the automotive and other
industries.
Thermostats - Commercial
Page 27
Dependable bimetal thermostats include choice of automatic or manual
reset, phenolic or ceramic housings, and a variety of mounting brackets
and terminal options.
Thermostats - Precision
Page 31
Hermetic and non-hermetic thermostats in standard and custom
packages for use in a wide variety of precision applications.
Heaters
Page 37
Wire-wound, chemically-etched, high temperature and transparent
heaters in a variety of sizes and geometries.
Combi-sensor
Page 39
Liquid pressure/temperature sensor that uses piezoresistive and
thermistor sensing technology to measure water pressure and
temperature.
Thermal Cutoffs
Page 40
Dependable organic thermal cutoffs in temperatures ranging from 72 °C
to 240 °C [162 °F to 464 °F]. They are available in various lead lengths
and configurations.
Position Sensors
Page 42
Hall effect and magnetoresistive sensors for all applications that require
accurate, reliable outputs.
Infrared Products
Page 46
Optoelectronic standard infrared emitting diodes (IREDs), sensors and
assemblies for object presence, limit and motion sensing, position
encoding and movement encoding.
Current Sensors
Page 52
Adjustable linear null balance, digital and linear output current sensors
for monitoring ac or dc current.
Liquid Level Sensors
Page 56
Sensitive sensors in a variety of housing types for detecting the presence
or absence of a wide range of liquids.
Basic Switches
Page 57
Standard, miniature and subminiature switches, available in a range of
enclosures and with a variety of actuators. They are ideal for use alone or
built into assemblies.
!
WARNING
MISUSE OF DOCUMENTATION
• The information presented in this product sheet (or
catalogue) is for reference only. DO NOT USE this
document as product installation information.
• Complete installation, operation and maintenance
information is provided in the instructions supplied with
each product.
Failure to comply with these instructions could result in
death or serious injury.
!
WARNING
PERSONAL INJURY
DO NOT USE these products as safety or emergency stop
devices, or in any other application where failure of the
product could result in personal injury
Failure to comply with these instructions could result in
death or serious injury.


Similar Part No. - 24PC

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
24PC0035D2 SENSORTECHNICS-24PC0035D2 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0035D2A10 SENSORTECHNICS-24PC0035D2A10 Datasheet
60Kb / 4P
   Unamplified, uncompensated pressure sensors
24PC0035D2BE SENSORTECHNICS-24PC0035D2BE Datasheet
159Kb / 12P
   Pressure sensors with special fittings and sealings
24PC0035D2BN SENSORTECHNICS-24PC0035D2BN Datasheet
159Kb / 12P
   Pressure sensors with special fittings and sealings
24PC0035D2BS SENSORTECHNICS-24PC0035D2BS Datasheet
159Kb / 12P
   Pressure sensors with special fittings and sealings
More results

Similar Description - 24PC

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZBWE112A24 SCHNEIDER-XZBWE112A24 Datasheet
156Kb / 5P
   wireless transmitter for sensors and switches
logo
Murata Manufacturing Co...
MRMS301A MURATA-MRMS301A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511L MURATA-MRMS511L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611L MURATA-MRMS611L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611H MURATA-MRMS611H Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
   AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
S48E MURATA-S48E Datasheet
529Kb / 4P
   AMR Sensors (Magnetic Switches)
logo
Honeywell Solid State E...
19PA115-EN HONEYWELL-19PA115-EN Datasheet
425Kb / 11P
   Position Sensors Environment-Sealed Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com