Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5205S Datasheet(PDF) 5 Page - Sanken electric

Part # LC5205S
Description  Hybrid Integrated Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5205S Datasheet(HTML) 5 Page - Sanken electric

  LC5205S Datasheet HTML 1Page - Sanken electric LC5205S Datasheet HTML 2Page - Sanken electric LC5205S Datasheet HTML 3Page - Sanken electric LC5205S Datasheet HTML 4Page - Sanken electric LC5205S Datasheet HTML 5Page - Sanken electric LC5205S Datasheet HTML 6Page - Sanken electric LC5205S Datasheet HTML 7Page - Sanken electric LC5205S Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LED Lighting IC
LC5205S
SANKEN ELECTRIC CO.,LTD.
5/8
13 October 2011
5 Functional Block Diagram (Pin assignment)
Gate
Driver
Logic
Current
Control
Regulator
UVLO
TSD
VBB
OUT
Sen
GND
Reg
PWM
Ref
MIC
OCP
Pin Assignment
Number
Name
Function
1
Reg
12V Internal regulator output pin
2
PWM
Connect to PWM Off-Time Setting C&R
3
Ref
Reference Voltage for PWM Control
4
Sen
Output-current detection pin
5
OUT
Output pin
6
OUT
Output pin
7
VBB
Supply voltage pin
8
GND
Device ground pin.


Similar Part No. - LC5205S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5205S SANKEN-LC5205S Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
More results

Similar Description - LC5205S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5202S SANKEN-LC5202S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5203D SANKEN-LC5203D Datasheet
431Kb / 8P
   Hybrid Integrated Circuit
LC5210D SANKEN-LC5210D Datasheet
430Kb / 8P
   Hybrid Integrated Circuit
LC5223D SANKEN-LC5223D Datasheet
451Kb / 10P
   Hybrid Integrated Circuit
LC5222D SANKEN-LC5222D Datasheet
451Kb / 11P
   Hybrid Integrated Circuit
LC5222S SANKEN-LC5222S Datasheet
288Kb / 8P
   Hybrid Integrated Circuit
LC5225S SANKEN-LC5225S Datasheet
289Kb / 8P
   Hybrid Integrated Circuit
LC5226D SANKEN-LC5226D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5225D SANKEN-LC5225D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5202D SANKEN-LC5202D Datasheet
436Kb / 16P
   Hybrid Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com