Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2455R Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # 2455R
Description  Commercial Switches and Sensors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2455R Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  2455R Datasheet HTML 1Page - Honeywell Solid State Electronics Center 2455R Datasheet HTML 2Page - Honeywell Solid State Electronics Center 2455R Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2455R Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2455R Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2455R Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2455R Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2455R Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2455R Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
5
www.honeywell.com/sensing
CPC/CPX Series
Low Pressure
Signal conditioning:
Unamplified
compensated - (CPC Series)
noncompensated - (CPX Series)
Supply voltage:
12 Vdc typ.
16 Vdc max.
Operating temperature:
-25 °C to 85 °C
-13 °F to 185 °F
Port style:
Barbed
Termination:
PCB
Accuracy grade:
Commercial (1.0 %)
OPTIONS
CPC Series
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Differential
(1.0 psi) 4.0 in H
2O
CPCL04DFC
Gauge
(1.0 psi) 4.0 in H
2O
CPCL04GFC
Differential
(1.0 psi) 10.0 in H
2O
CPCL10DFC
CPX Series
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Differential
4.0 in H
2O
CPXL04DF
Differential
10.0 in H
2O
CPCL10DF
PRESSURE
24PC/26PC Series
(Continued)
Type 2
26PC Series
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Flow Through
30.0 psi
26PCDFG2G
Type 5
26PC Series
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Flow Through/Vacuum Gauge 100 psi
26PCFFU5G
24PC/26PC SMT
(Surface Mount Technology)
Signal conditioning:
Unamplified
noncompensated- (24PC SMT Series)
compensated - (26 PC SMT Series)
Supply voltage:
10 Vdc typ.
12 Vdc max. (24PC SMT Series)
16 Vdc max. (26PC SMT Series)
Operating temperature:
-40 °C to 85 °C
-40 °F to 185 °F
Port style:
Straight, 1,88 mm Ø (0.74 in)
Termination:
SMT solder
Measurement type:
Gauge, Vacuum Gauge,
Differential, Wet/Wet Differential
OPTIONS
24PC SMT Series
PRESSURE RANGE
REFERENCE
0 psi to 1.0 psi
24PC01SMT
0 psi to 5.0 psi
24PC05SMT
0 psi to 15.0 psi
24PC15SMT
26PC SMT Series
PRESSURE RANGE
REFERENCE
0 psi to 1.0 psi
26PC01SMT
0 psi to 5.0 psi
26PC05SMT
0 psi to 15.0 psi
26PC15SMT


Similar Part No. - 2455R

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
2455R-00750822 HONEYWELL-ACC-2455R-00750822 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820191 HONEYWELL-ACC-2455R-00820191 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820235 HONEYWELL-ACC-2455R-00820235 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820712 HONEYWELL-ACC-2455R-00820712 Datasheet
513Kb / 11P
   Thermostats Line Guide
2455R-00820714 HONEYWELL-ACC-2455R-00820714 Datasheet
513Kb / 11P
   Thermostats Line Guide
More results

Similar Description - 2455R

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZBWE112A24 SCHNEIDER-XZBWE112A24 Datasheet
156Kb / 5P
   wireless transmitter for sensors and switches
logo
Murata Manufacturing Co...
MRMS301A MURATA-MRMS301A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511L MURATA-MRMS511L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611L MURATA-MRMS611L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611H MURATA-MRMS611H Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
   AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
S48E MURATA-S48E Datasheet
529Kb / 4P
   AMR Sensors (Magnetic Switches)
logo
Honeywell Solid State E...
19PA115-EN HONEYWELL-19PA115-EN Datasheet
425Kb / 11P
   Position Sensors Environment-Sealed Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com