Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5210D Datasheet(PDF) 7 Page - Sanken electric

Part # LC5210D
Description  Hybrid Integrated Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5210D Datasheet(HTML) 7 Page - Sanken electric

  LC5210D Datasheet HTML 1Page - Sanken electric LC5210D Datasheet HTML 2Page - Sanken electric LC5210D Datasheet HTML 3Page - Sanken electric LC5210D Datasheet HTML 4Page - Sanken electric LC5210D Datasheet HTML 5Page - Sanken electric LC5210D Datasheet HTML 6Page - Sanken electric LC5210D Datasheet HTML 7Page - Sanken electric LC5210D Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LED Lighting IC
LC5210D
SANKEN ELECTRIC CO.,LTD.
7/8
13 October 2011
7 Cautions and warnings
Since reliability can be affected adversely by improper storage environment and handling methods during
Characteristic tests, please observe the following cautions.
7.1 Cautions for Storage
Ensure that storage conditions comply with the standard temperature (5 to 35℃) and the standard relative
humidity (around 40 to 75%) and avoid storage locations that experience extreme changes in temperature or
humidity.
Avoid locations where dust or harmful gases are present and avoid direct sunlight.
Reinspect for rust in leads and solderability that have been stored for a long time.
7.2 Cautions for characteristic Tests and Handling
When characteristic tests are carried out during inspection testing and other standard tests periods, protect
the devices from surge of power from the testing device, shorts between the devices and the heatsink.
7.3 Considerations to protect the Products from Electrostatic Discharge
When handling the devices, operator must be grounded. Grounded wrist straps be worn and should have at
least 1MΩ of resistance near operators to ground to prevent shock hazard.
Workbenches where the devices are handled should be grounded and be provided with conductive table and
floor mats.
When using measuring equipment such as a curve tracer, the equipment should also be grounded.
When soldering the devices, the head of a soldering iron or a solder bath must be grounded in other to
prevent leak voltage generated by them from being applied to the devices.
The devices should always be stored and transported in our shipping containers or conductive containers, or
be wrapped up in aluminum foil.


Similar Part No. - LC5210D

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
LC5210D ALLEGRO-LC5210D Datasheet
601Kb / 15P
   LED Drivers
logo
Sanken electric
LC5210D SANKEN-LC5210D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
More results

Similar Description - LC5210D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5202S SANKEN-LC5202S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5203D SANKEN-LC5203D Datasheet
431Kb / 8P
   Hybrid Integrated Circuit
LC5223D SANKEN-LC5223D Datasheet
451Kb / 10P
   Hybrid Integrated Circuit
LC5222D SANKEN-LC5222D Datasheet
451Kb / 11P
   Hybrid Integrated Circuit
LC5222S SANKEN-LC5222S Datasheet
288Kb / 8P
   Hybrid Integrated Circuit
LC5225S SANKEN-LC5225S Datasheet
289Kb / 8P
   Hybrid Integrated Circuit
LC5226D SANKEN-LC5226D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5205S SANKEN-LC5205S Datasheet
279Kb / 8P
   Hybrid Integrated Circuit
LC5225D SANKEN-LC5225D Datasheet
451Kb / 8P
   Hybrid Integrated Circuit
LC5202D SANKEN-LC5202D Datasheet
436Kb / 16P
   Hybrid Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com