Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2450CM Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # 2450CM
Description  Commercial Switches and Sensors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

2450CM Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button 2450CM Datasheet HTML 3Page - Honeywell Solid State Electronics Center 2450CM Datasheet HTML 4Page - Honeywell Solid State Electronics Center 2450CM Datasheet HTML 5Page - Honeywell Solid State Electronics Center 2450CM Datasheet HTML 6Page - Honeywell Solid State Electronics Center 2450CM Datasheet HTML 7Page - Honeywell Solid State Electronics Center 2450CM Datasheet HTML 8Page - Honeywell Solid State Electronics Center 2450CM Datasheet HTML 9Page - Honeywell Solid State Electronics Center 2450CM Datasheet HTML 10Page - Honeywell Solid State Electronics Center 2450CM Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
7
www.honeywell.com/sensing
XCA Series
Signal conditioning:
Amplified compensated
Supply voltage:
5 Vdc typ., 16 Vdc max.
Operating temperature:
-25 °C to 85 °C
-13 °F to 185 °F
Port style:
Barbed
Termination:
PCB
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Absolute
15.0 psia
XCA415AN
XCX Series
Signal conditioning:
Unamplified compensated
Supply voltage:
12 Vdc typ., 16 Vdc max.
Operating temperature:
-25 °C to 85 °C
-13 °F to 185 °F
Port style:
Barbed
Termination:
PCB
Accuracy grade:
Commercial (1.0 %)
MEASUREMENT
PRESSURE
ACCURACY
REFERENCE
TYPE
RANGE
GRADE
Differential
1.0 psi
XCX01DNC
Differential
1.0 psi
High (0.50 %)
XCX01DNH
Differential
15.0 psi
XCX15DNC
XPC Series
Signal conditioning:
Unamplified compensated
Supply voltage:
12 Vdc typ., 16 Vdc max.
Operating temperature:
-25 °C to 85 °C
-13 °F to 185 °F
Port style:
Barbed
Termination:
PCB
Accuracy grade:
Commercial (1.0 %)
MEASUREMENT TYPE
PRESSURE RANGE
PORT STYLE
REFERENCE
Differential
1.0 psi
Axial
XPC01DFC
Differential
15.0 psi
Radial
XPC15DTC
PRESSURE
XSX Series, Low pressure
Signal conditioning:
Unamplified uncompensated
Supply voltage:
12 Vdc typ., 16 Vdc max.
Operating temperature:
-25 °C to 85 °C [-13 °F to 185 °F]
Port style:
Button
Termination:
PCB
Accuracy grade:
Commercial (1.0 %)
MEASUREMENT TYPE
PRESSURE RANGE
REFERENCE
Gauge
4.0 in H
2O
XSXL04GF


Similar Part No. - 2450CM

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450CF15A0100 JOHANSON-2450CF15A0100 Datasheet
125Kb / 4P
   2.45GHz Directional Coupler/ Low Pass Filter Combination
2450CF15A0100E JOHANSON-2450CF15A0100E Datasheet
125Kb / 4P
   2.45GHz Directional Coupler/ Low Pass Filter Combination
2450CF15A0100EPB JOHANSON-2450CF15A0100EPB Datasheet
125Kb / 4P
   2.45GHz Directional Coupler/ Low Pass Filter Combination
2450CF15A0100S JOHANSON-2450CF15A0100S Datasheet
125Kb / 4P
   2.45GHz Directional Coupler/ Low Pass Filter Combination
2450CF15A0100SPB JOHANSON-2450CF15A0100SPB Datasheet
125Kb / 4P
   2.45GHz Directional Coupler/ Low Pass Filter Combination
More results

Similar Description - 2450CM

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XZBWE112A24 SCHNEIDER-XZBWE112A24 Datasheet
156Kb / 5P
   wireless transmitter for sensors and switches
logo
Murata Manufacturing Co...
MRMS301A MURATA-MRMS301A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511L MURATA-MRMS511L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS511M MURATA-MRMS511M Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611L MURATA-MRMS611L Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
MRMS611H MURATA-MRMS611H Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
AS-V20NA-R MURATA-AS-V20NA-R Datasheet
33Kb / 1P
   AMR Sensors (Magnetic Switches)
MRMS571A MURATA-MRMS571A Datasheet
545Kb / 5P
   AMR Sensors (Magnetic Switches)
S48E MURATA-S48E Datasheet
529Kb / 4P
   AMR Sensors (Magnetic Switches)
logo
Honeywell Solid State E...
19PA115-EN HONEYWELL-19PA115-EN Datasheet
425Kb / 11P
   Position Sensors Environment-Sealed Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com