Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS192 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BSS192
Description  SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSS192 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BSS192 Datasheet HTML 1Page - Siemens Semiconductor Group BSS192 Datasheet HTML 2Page - Siemens Semiconductor Group BSS192 Datasheet HTML 3Page - Siemens Semiconductor Group BSS192 Datasheet HTML 4Page - Siemens Semiconductor Group BSS192 Datasheet HTML 5Page - Siemens Semiconductor Group BSS192 Datasheet HTML 6Page - Siemens Semiconductor Group BSS192 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
18/02/1997
BSS 192
Power dissipation
Ptot = ƒ(TA)
0
20
40
60
80
100
120
°C
160
T
A
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
W
1.2
P
tot
Drain current
ID = ƒ(TA)
parameter:
VGS ≥ -10 V
0
20
40
60
80
100
120
°C
160
T
A
0.00
-0.02
-0.04
-0.06
-0.08
-0.10
-0.12
A
-0.16
I
D
Safe operating area
ID=f(VDS)
parameter :
D = 0.01, TC=25°C
Drain-source breakdown voltage
V
(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
-215
-220
-225
-230
-235
-240
-245
-250
-255
-260
-265
-270
-275
V
-285
V
(BR)DSS


Similar Part No. - BSS192

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS192 PHILIPS-BSS192 Datasheet
64Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
1997 Jun 20
logo
Nexperia B.V. All right...
BSS192 NEXPERIA-BSS192 Datasheet
372Kb / 16P
   240 V, P-channel vertical D-MOS transistor
12 December 2014
logo
Infineon Technologies A...
BSS192P INFINEON-BSS192P Datasheet
79Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSS192P INFINEON-BSS192P Datasheet
301Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-04
BSS192P INFINEON-BSS192P_06 Datasheet
301Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-04
More results

Similar Description - BSS192

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS92 SIEMENS-BSS92 Datasheet
81Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSS284 SIEMENS-BSS284 Datasheet
73Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSS84 SIEMENS-BSS84 Datasheet
73Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP317 SIEMENS-BSP317 Datasheet
169Kb / 9P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP316 SIEMENS-BSP316 Datasheet
173Kb / 9P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP92 SIEMENS-BSP92 Datasheet
97Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSS110 SIEMENS-BSS110 Datasheet
80Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP315 SIEMENS-BSP315 Datasheet
174Kb / 9P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP171 SIEMENS-BSP171 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level Avalanche rated)
BSP296 SIEMENS-BSP296 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com