Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS192 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BSS192
Description  SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSS192 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BSS192 Datasheet HTML 1Page - Siemens Semiconductor Group BSS192 Datasheet HTML 2Page - Siemens Semiconductor Group BSS192 Datasheet HTML 3Page - Siemens Semiconductor Group BSS192 Datasheet HTML 4Page - Siemens Semiconductor Group BSS192 Datasheet HTML 5Page - Siemens Semiconductor Group BSS192 Datasheet HTML 6Page - Siemens Semiconductor Group BSS192 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
18/02/1997
BSS 192
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TA = 25 °C
IS
-
-
-0.15
A
Inverse diode direct current,pulsed
TA = 25 °C
ISM
-
-
-0.6
Inverse diode forward voltage
VGS = 0 V, IF = -0.3 A, Tj = 25 °C
VSD
-
-0.85
-1.2
V


Similar Part No. - BSS192

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS192 PHILIPS-BSS192 Datasheet
64Kb / 12P
   P-channel enhancement mode vertical D-MOS transistor
1997 Jun 20
logo
Nexperia B.V. All right...
BSS192 NEXPERIA-BSS192 Datasheet
372Kb / 16P
   240 V, P-channel vertical D-MOS transistor
12 December 2014
logo
Infineon Technologies A...
BSS192P INFINEON-BSS192P Datasheet
79Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSS192P INFINEON-BSS192P Datasheet
301Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-04
BSS192P INFINEON-BSS192P_06 Datasheet
301Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-04
More results

Similar Description - BSS192

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS92 SIEMENS-BSS92 Datasheet
81Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSS284 SIEMENS-BSS284 Datasheet
73Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSS84 SIEMENS-BSS84 Datasheet
73Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP317 SIEMENS-BSP317 Datasheet
169Kb / 9P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP316 SIEMENS-BSP316 Datasheet
173Kb / 9P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP92 SIEMENS-BSP92 Datasheet
97Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSS110 SIEMENS-BSS110 Datasheet
80Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP315 SIEMENS-BSP315 Datasheet
174Kb / 9P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP171 SIEMENS-BSP171 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level Avalanche rated)
BSP296 SIEMENS-BSP296 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com