Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8000Q Datasheet(PDF) 1 Page - Sanken electric

Part # SI-8000Q
Description  Surface Mount, Current Mode Cntrol Step-down Switching Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8000Q Datasheet(HTML) 1 Page - Sanken electric

  SI-8000Q Datasheet HTML 1Page - Sanken electric SI-8000Q Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30
ICs
1-1-3 DC/DC Converter ICs
Parameter
Reference Voltage
Temperature Coefficient of Reference Voltage
Efficiency
Oscillation Frequency
Line Regulation
Load Regulation
Overcurrent Protection Starting Current
Quiescent Circuit Current
SS Pin
Outflow Current at Low Voltage
High Level Voltage
EN Pin
Low Level Voltage
Inflow Current at Low Low Voltage
Error Amplifier Voltage Gain
Error Amplifier Transformer Conductance
Current Sense Amplifier Impedance
Maximum ON Duty
Minimum ON Time
■Features
• Compact surface-mount package (HSOP8)
• Introduction of current mode control method
• Output current: 3.5 A
• High efficiency: 90% (Vo = 5 V)
• Built-in reference oscillator (500 kHz)
• A ceramic capacitor can be used for output
• Built-in drooping-type overcurrent and thermal
protection circuits
• Built-in soft start circuit
• Built-in on/off function (Active Hi)
• Low current consumption during off
■Applications
• DVD recorder, FPD-TV
• Onboard local power supplies
• OA equipment
Unit
V
W
°C
°C
°C/W
°C/W
Symbol
VIN
PD
Tj
Tstg
θj-c
θj-a
Parameter
Input Voltage
Power Dissipation*1
Junction Temperature*2
Storage Temperature
Thermal Resistance(junction to case)
Thermal Resistance(junction to ambient air)
■Absolute Maximum Ratings
Conditions
When mounted on glass-epoxy board, 30×30 mm (copper laminate area: 25×25 mm)
When mounted on glass-epoxy board, 30×30 mm (copper laminate area: 25×25 mm)
■Recommended Operating Conditions
*1: The minimum value of the input voltage range is 4.75 V or Vo +3 V, whichever is higher.
Parameter
DC Input Voltage Range
Output Voltage Range
Output Current Range
Operating Junction Temperature Range
Operating Temperature Range
Symbol
VIN
VO
IO
Tjop
Top
Unit
V
V
A
°C
°C
Ratings
SI-8005Q
Vo+3*1 to 28
0.5 to 24
0 to 3.5
–30 to +125
–30 to +85
*1: Limited by thermal protection circuit
*2: Note that the detection temperature for thermal protection is about 140°C.
Ratings
30
1.35
–30 to +150
–40 to +150
40
74
Symbol
VADJ
Conditions
∆VADJ/∆T
Conditions
η
Conditions
fo
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
IS
Conditions
Iq
Conditions
Iq(OFF)
Conditions
ISSL
Conditions
Vc/EN
Conditions
Vc/EL
Conditions
IC/EH
Conditions
AEA
GEA
1/GCS
DMAX
DMIN
■Electrical Characteristics
Unit
V
mV/ °C
%
kHz
mV
mV
A
mA
µA
µA
V
V
µA
V/V
µA/V
V/A
%
nsec.
(R1=4.2kΩ, R2=0.8kΩ when Ta = 25°C and Vo=5V)
*: Pin 8 is the SS pin. Soft start at power on can be performed with a capacitor connected to this pin.
The SS pin is pulled up to the power supply in the IC, so applying the external voltage is prohibited.
Conditions
Rating
SI-8005Q
min.
typ.
max.
0.485
0.500
0.515
VIN=12V, Io=1A
0.05
VIN=12V, Io=1A, Ta=–40 to +85°C
90
VIN=12V, Io=1A
450
500
550
VIN=16V, Io=1A
30
60
VIN=8 to 28V, Io=1A
30
60
VIN=12V, Io=0.1 to 3.5A
3.6
6.0
VIN=12V
18
VIN=12V, Io=0A, VEN=open
20
VIN=12V, Io=0A, VEN=0V
5
VIN=16V, VSSL=0V
2.8
VIN=12V
2.2
VIN=12V
5
VEN=0V
1000
800
0.35
92
100
SI-8008Q
SS
8
C8
Soft start
Surface Mount, Current Mode Cntrol Step-down Switching Mode
SI-8000Q Series


Similar Part No. - SI-8000Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI-80000Z ETC1-SI-80000Z Datasheet
394Kb / 3P
   SI-80000Z
logo
Bel Fuse Inc.
SI-80005-F BEL-SI-80005-F Datasheet
340Kb / 4P
   SI-80005-F
SI-80006-F BEL-SI-80006-F Datasheet
265Kb / 3P
   SI-80006-F
SI-80007-F BEL-SI-80007-F Datasheet
266Kb / 3P
   SI-80007-F
SI-80008-F BEL-SI-80008-F Datasheet
322Kb / 4P
   SI-80008-F
More results

Similar Description - SI-8000Q

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8005Q SANKEN-SI-8005Q Datasheet
526Kb / 2P
   Surface Mount, Current Mode Control Step-down Switching Mode
NR885K SANKEN-NR885K Datasheet
61Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
NR885K SANKEN-NR885K Datasheet
61Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
SI-8205NHD SANKEN-SI-8205NHD Datasheet
64Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode
SI-8100QL SANKEN-SI-8100QL_11 Datasheet
79Kb / 2P
   Current Mode Control Step-down Switching Mode
SI-8105QL SANKEN-SI-8105QL Datasheet
56Kb / 2P
   Current Mode Control Step-down Switching Mode
SI-8205NHD SANKEN-SI-8205NHD Datasheet
58Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode Regulator ICs
SI-8205NHD SANKEN-SI-8205NHD_11 Datasheet
81Kb / 2P
   Surface-Mount, Current Mode Control, Synchronous Rectifier Step-down Switching Mode Regulator ICs
SI-8033SD SANKEN-SI-8033SD Datasheet
55Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
SI-8008HD SANKEN-SI-8008HD Datasheet
56Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com