Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8000TM Datasheet(PDF) 1 Page - Sanken electric

Part # SI-8000TM
Description  Surface-Mount, Separate Excitation Step-down Switching Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8000TM Datasheet(HTML) 1 Page - Sanken electric

  SI-8000TM_12 Datasheet HTML 1Page - Sanken electric SI-8000TM_12 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18
ICs
1-1-3 DC/DC Converter ICs
Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000TM Series
■Absolute Maximum Ratings
Unit
V
W
°C
°C
°C/W
°C/W
Ratings
43
1.06
1.65
–30 to +150
–40 to +150
6
95
Symbol
VIN
PD1
PD2
Tj
Tstg
θj-c
θj-a
Parameter
DC Input Voltage
Power Dissipation
Junction Temperature*
Storage Temperature
Thermal Resistance (Junction to Case)
Thermal Resistance (Junction to
Ambient Air)
■Features
• Compact surface-mount package (TO252-5)
• Output current: 1.5 A
• High efficiency: 81% typ. (at Vo = 5 V)
• Requires only 4 discrete components
• Built-in reference oscillator (300 kHz)
• Built-in drooping-type-overcurrent and thermal
protection circuits
• Output ON/OFF available (circuit current at
output OFF: 200 µA typ.)
• Soft start available by ON/OFF pin
Conditions
When mounted on glass-epoxy board (900 mm2 copper area 4.3%)
When mounted on glass-epoxy board (900 mm2 copper area 50%)
When mounted on glass-epoxy board (900 mm2 copper area 4.3%)
*: This product has built-in thermal protection circuits that may operate when the junction temperature rises above
130°C.
The recommended design for the junction temperature during operation is below 125°C.
■Applications
• Onboard local power supplies
•AV equipment
•OA equipment
■Recommended Operating Conditions
Parameter
Input Voltage Range
Output Voltage
Output Current Range
Operating Junction Temperature Range
Operating Temperature Range
Symbol
VIN
VO
IO
Tjop
Top
Ratings
SI-8008TM
VO+3*1 to 40
0.8 to 24
0 to 1.5
–20 to +100
–20 to +85
Unit
V
V
A
°C
°C
*1: The minimum value of an input voltage range is the higher of 4.5 V or VO + 3 V.
■Electrical Characteristics
(Ta=25°C)
Parameter
Symbol
Unit
Rating
SI-8008TM
min.
0.784
1.6
typ.
0.800
VIN=15V, Io=0.1A
max.
0.816
80
Reference Voltage
Efficiency
Oscillation Frequency
Line Regulation
Load Regulation
Overcurrent Protection Starting Current
VADJ
∆VOLOAD
Conditions
Conditions
Conditions
Conditions
Conditions
Conditions
Conditions
Conditions
Conditions
Conditions
±0.1
VIN=15V, Io=0.1A, Tc=0 to 100
°C
81
VIN=15V, Io=0.5A
∆VADJ/∆T
η
10
VSSL=0V
0.5
40
10
VIN=15V, Io=0.2 to 1.5A
40
300
VIN=15V, Io=0.5A
fo
60
VIN=10 to 30V, Io=0.5A
∆VOLINE
6
VIN=15V, Io=0A
VIN=15V
Iq
200
VIN=15V, VSS=0V
400
Iq (OFF)
VSSL
ISSL
IS
V
mV/
°C
%
kHz
mV
mV
A
V
µA
mA
µA
ON/OFF Pin*
Quiescent Circuit Current
Low Level Voltage
Outflow Current
at Low Voltage
Temperature Coefficient of
Reference Voltage
*: Pin 5 is the SS pin. Soft start at power on can be performed with a capacitor connected to this pin. The
output can also be turned ON/OFF with this pin.
The output is stopped by setting the voltage of this pin to VSSL or lower. SS-pin voltage can be changed
with an open-collector drive circuit of a transistor. When using both the soft-start and ON/OFF functions
together, the discharge current from C3 flows into the ON/OFF control transistor. Therefore, limit the
current securely to protect the transistor if C3 capacitance is large. The SS pin is pulled up to the power
supply in the IC, so applying the external voltage is prohibited. If the pin is not used, leave it open.
SI-8000TM
SI-8000TM
SS
5SS
5SS
C3
C3
5
VO. ON/OFF
Soft start
Soft start
+VO. ON/OFF
SI-8000TM


Similar Part No. - SI-8000TM_12

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000TM SANKEN-SI-8000TM Datasheet
531Kb / 15P
   DC/DC Step-Down Converter IC
More results

Similar Description - SI-8000TM_12

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000HD SANKEN-SI-8000HD Datasheet
55Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8050W SANKEN-SI-8050W Datasheet
47Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8120JD SANKEN-SI-8120JD Datasheet
59Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8008TM SANKEN-SI-8008TM Datasheet
51Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8001FDL SANKEN-SI-8001FDL Datasheet
69Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
SI-8033SD SANKEN-SI-8033SD Datasheet
55Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
SI-8008HD SANKEN-SI-8008HD Datasheet
56Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8033W SANKEN-SI-8033W Datasheet
47Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000JD SANKEN-SI-8000JD_11 Datasheet
86Kb / 2P
   Surface-Mount, Separate Excitation Step-down Switching Mode
SI-8000SD SANKEN-SI-8000SD_11 Datasheet
74Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com