Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD91361MUV Datasheet(PDF) 1 Page - Rohm

Part # BD91361MUV
Description  2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD91361MUV Datasheet(HTML) 1 Page - Rohm

  BD91361MUV_12 Datasheet HTML 1Page - Rohm BD91361MUV_12 Datasheet HTML 2Page - Rohm BD91361MUV_12 Datasheet HTML 3Page - Rohm BD91361MUV_12 Datasheet HTML 4Page - Rohm BD91361MUV_12 Datasheet HTML 5Page - Rohm BD91361MUV_12 Datasheet HTML 6Page - Rohm BD91361MUV_12 Datasheet HTML 7Page - Rohm BD91361MUV_12 Datasheet HTML 8Page - Rohm BD91361MUV_12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.rohm.com
TSZ02201-0J3J0AJ00200-1-2
©2012 ROHM Co., Ltd. All rights reserved.
1/21
02.MAR.2012 Rev.001
TSZ22111・14・001
Datasheet
2.7V to 5.5V, 4A 1ch
Synchronous Buck Converter Integrated FET
BD91361MUV
●General Description
ROHM’s high efficiency step-down switching regulator
BD91361MUV is a power supply designed to produce
a low voltage including 0.8 volts from 5.5/3.3 volts
power supply line. Offers high efficiency with our
original pulse skip control technology and synchronous
rectifier. Employs a current mode control system to
provide faster transient response to sudden change in
load.
●Features
 Offers fast transient response with current mode
PWM control system.
 Offers highly efficiency for all load range with
synchronous rectifier (Nch/Nch FET)
and SLLM
TM (Simple Light Load Mode)
 Incorporates soft-start function.
 Incorporates thermal protection and ULVO
functions.
 Incorporates short-current protection circuit with
time delay function.
 Incorporates shutdown function Icc=0µA (Typ.)
●Applications
Power supply for LSI including DSP, Micro computer
and ASIC
●Key Specifications
 Input voltage range:
2.7V to 5.5V
 Output voltage range:
0.8V to 3.3V
 Output current:
4.0A (Max.)
 Switching frequency:
1MHz(Typ.)
 High side FET ON resistance:
60mΩ(Typ.)
 Low side FET ON resistance:
55mΩ(Typ.)
 Standby current:
0μA (Typ.)
 Operating temperature range:
-40℃ to +105℃
●Package
Typ.)
(Typ.)
(Max.)
VQFN020V4040:
4.00mm x 4.00mm x 1.00mm
●Typical Application Circuit
Fig.1 Typical Application Circuit
GND,PGND
SW
PVCC
EN
ADJ
ITH
VCC
VOUT
Cin
RITH
CITH
L
ESR
CO
RO
VOUT
CBST
VCC
Cf
Rf
VID<1> VID<0>
VCC
VCC
R2
R1
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
VQFN020V4040


Similar Part No. - BD91361MUV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD91361MUV ROHM-BD91361MUV_14 Datasheet
2Mb / 27P
   Synchronous Buck Converter with Integrated FET
More results

Similar Description - BD91361MUV_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9137MUV ROHM-BD9137MUV_12 Datasheet
971Kb / 21P
   2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD9123MUV ROHM-BD9123MUV_12 Datasheet
1,001Kb / 22P
   2.7V to 5.5V, 1.2A 1ch Synchronous Buck Converter integrated FET
BD9130NV-E2 ROHM-BD9130NV-E2 Datasheet
891Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9132MUV ROHM-BD9132MUV_12 Datasheet
970Kb / 20P
   2.7V to 5.5V, 3.0A 1ch Synchronous Buck Converter integrated FET
BD8963EFJ ROHM-BD8963EFJ_12 Datasheet
1Mb / 23P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9130NV ROHM-BD9130NV_12 Datasheet
931Kb / 20P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter integrated FET
BD9139MUV ROHM-BD9139MUV_12 Datasheet
957Kb / 22P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD8960NV ROHM-BD8960NV_12 Datasheet
988Kb / 19P
   2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET
BD8962MUV ROHM-BD8962MUV_12 Datasheet
979Kb / 20P
   2.7V to 5.5V, 3A 1ch Synchronous Buck Converter integrated FET
BD9134MUV ROHM-BD9134MUV_12 Datasheet
1,011Kb / 21P
   4.5V to 5.5V, 3.0A 1ch Synchronous Buck Converter Integrated FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com