Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F08KL200 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC24F08KL200
Description  Low-Power, Low-Cost, General Purpose 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
Download  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F08KL200 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC24F08KL200 Datasheet HTML 6Page - Microchip Technology PIC24F08KL200 Datasheet HTML 7Page - Microchip Technology PIC24F08KL200 Datasheet HTML 8Page - Microchip Technology PIC24F08KL200 Datasheet HTML 9Page - Microchip Technology PIC24F08KL200 Datasheet HTML 10Page - Microchip Technology PIC24F08KL200 Datasheet HTML 11Page - Microchip Technology PIC24F08KL200 Datasheet HTML 12Page - Microchip Technology PIC24F08KL200 Datasheet HTML 13Page - Microchip Technology PIC24F08KL200 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 260 page
background image
PIC24F16KL402 FAMILY
DS31037B-page 10
 2011 Microchip Technology Inc.
1.2
Other Special Features
• Communications: The PIC24F16KL402 family
incorporates multiple serial communication
peripherals to handle a range of application
requirements. The MSSP module implements
both SPI and I2C™ protocols, and supports both
Master and Slave modes of operation for each.
Devices also include one of two UARTs with
built-in IrDA® encoders/decoders.
• Analog Features: Select members of the
PIC24F16KL402 family include a 10-bit A/D
Converter module. The A/D module incorporates
programmable acquisition time, allowing for a
channel to be selected and a conversion to be
initiated without waiting for a sampling period, as
well as faster sampling speeds.
The comparator modules are configurable for a
wide range of operations and can be used as
either a single or double comparator module.
1.3
Details on Individual Family
Members
Devices in the PIC24F16KL402 family are available in
14-pin, 20-pin and 28-pin packages. The general block
diagram for all devices is shown in Figure 1-1.
The PIC24F16KL402 family may be thought of as four
different device groups, each offering a slightly different
set of features. These differ from each other in multiple
ways:
• The size of the Flash program memory
• The presence and size of data EEPROM
• The presence of an A/D Converter and the
number of external analog channels available
• The number of analog comparators
• The number of general purpose timers
• The number and type of CCP modules
(i.e., CCP vs. ECCP)
• The number of serial communications modules
(both MMSPs and UARTs)
The general differences between the different
sub-families is shown in Table 1-1. The feature sets for
specific devices are summarized in Table 1-2 and
Table 1-3.
A list of the individual pin features available on the
PIC24F16KL402 family devices, sorted by function, is
provided in Table 1-4 (for PIC24FXXKL40X/30X
devices) and Table 1-5 (for PIC24FXXKL20X/10X
devices). Note that this table shows the pin location of
individual peripheral features and not how they are
multiplexed on the same pin. This information is
provided in the pinout diagrams in the beginning of this
data sheet. Multiplexed features are sorted by the
priority given to a feature, with the highest priority
peripheral being listed first.
TABLE 1-1:
FEATURE COMPARISON FOR PIC24F16KL402 FAMILY GROUPS
Device Group
Program
Memory
(bytes)
Data
EEPROM
(bytes)
Timers
(8/16-bit)
CCP and
ECCP
Serial
(MSSP/
UART)
A/D
(channels)
Comparators
PIC24FXXKL10X
4K
1/2
2/0
1/1
1
PIC24FXXKL20X
8K
1/2
2/0
1/1
7 or 12
1
PIC24FXXKL30X
8K
256
2/2
2/1
2/2
2
PIC24FXXKL40X
8K or 16K
512
2/2
2/1
2/2
12
2


Similar Part No. - PIC24F08KL200

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F08KA101 MICROCHIP-PIC24F08KA101 Datasheet
727Kb / 48P
   Flash Programming Specifications
2008
PIC24F08KA101 MICROCHIP-PIC24F08KA101 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC24F08KA101T-IMQ MICROCHIP-PIC24F08KA101T-IMQ Datasheet
8Mb / 20P
   16-bit Embedded Control Solutions PIC24 Microcontrollers ??dsPIC짰 Digital Signal Controllers
10/28/13
PIC24F08KA102 MICROCHIP-PIC24F08KA102 Datasheet
727Kb / 48P
   Flash Programming Specifications
2008
PIC24F08KA102 MICROCHIP-PIC24F08KA102 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
More results

Similar Description - PIC24F08KL200

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
3Mb / 254P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24F04KA201 MICROCHIP-PIC24F04KA201 Datasheet
3Mb / 224P
   14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24FJ64GA104 MICROCHIP-PIC24FJ64GA104 Datasheet
2Mb / 308P
   28/44-Pin, 16-Bit General Purpose Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC24F16KA102 MICROCHIP-PIC24F16KA102_11 Datasheet
2Mb / 278P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
2008-2011
PIC24F08KA102-I MICROCHIP-PIC24F08KA102-I Datasheet
2Mb / 278P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
08/02/11
PIC18F1XK22 MICROCHIP-PIC18F1XK22 Datasheet
3Mb / 388P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2010
PIC16F722AT-ISS MICROCHIP-PIC16F722AT-ISS Datasheet
3Mb / 286P
   28-Pin Flash Microcontrollers with nanoWatt XLP Technology
11/29/11
PIC16LF720 MICROCHIP-PIC16LF720_11 Datasheet
2Mb / 244P
   20-Pin Flash Microcontrollers with nanoWatt XLP Technology
2011
PIC16LF1508 MICROCHIP-PIC16LF1508 Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
2011
PIC16F1508-I MICROCHIP-PIC16F1508-I Datasheet
4Mb / 384P
   20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
08/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com