Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H3DK-S Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # H3DK-S
Description  Solid-state Timers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3DK-S Datasheet(HTML) 4 Page - Omron Electronics LLC

  H3DK-S Datasheet HTML 1Page - Omron Electronics LLC H3DK-S Datasheet HTML 2Page - Omron Electronics LLC H3DK-S Datasheet HTML 3Page - Omron Electronics LLC H3DK-S Datasheet HTML 4Page - Omron Electronics LLC H3DK-S Datasheet HTML 5Page - Omron Electronics LLC H3DK-S Datasheet HTML 6Page - Omron Electronics LLC H3DK-S Datasheet HTML 7Page - Omron Electronics LLC H3DK-S Datasheet HTML 8Page - Omron Electronics LLC H3DK-S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
H3DK-M/H3DK-S
4
■ Characteristics
■ I/O
* If the INST/TIME switch on the front of the Timer is set to INST on the H3DK-M2/-S2, relay R2 will
operate as instantaneous contacts and will turn ON/OFF in synchronization with the power supply.
Item
Model
H3DK-M1/-M2
H3DK-S1/-S2
Input
Start
Functions to start timing.
There is no start input.
Output
Control
output
The output is turned ON/OFF according to the operating mode when the value
that is set on the dial is reached. *
● Installation Pitch and Output
Switching Capacity (Reference Val-
ues)
The relation between the installation pitch
and the load current is shown in the follow-
ing graph. (Except for the H3DK-GE)
If Timer is used under load conditions that
exceed the specified values, the tempera-
ture inside the Timer will increase, reducing
the life expectancy of internal parts.
0
1
2
3
4
5
6
80
70
60
50
40
30
20
10
d = 5 mm
d=0 A
d = 10 mm
d = 50 mm
Load current (A)
DIN Track
Timer installation pitch: d
Tested Timer: H3DK-M/-S
Applied voltage: 240 VAC
Installation pitch: 0, 5, 10, and 50 mm
Test
timer
1
Test
timer
2
Test
timer
3
Test
timer
4
Test
timer
5
Testing Method
* With the H3DK-M
@, if the voltage exceeds 26.4 VAC/DC in mode C, D, or G, the OFF trigger signal char-
acteristics are as follows:
Accuracy of operating time:
±1% ±50 ms max.
Setting error:
±10%
max.
Minimum input signal width: 100 ms
■ Applicable standards
Accuracy of operating
time
±1% of FS max. (±1% ±10 ms max. at 1.2-s range)*
Setting error
±10% of FS ±0.05 s max.*
Minimum input signal
width
50 ms* (start input)
Influence of voltage
±0.5% of FS max. (±0.5% ±10 ms max. at 1.2-s range)
Influence of tempera-
ture
±2% of FS max. (±2% ±10 ms max. at 1.2-s range)
Insulation resistance
100 M
Ω min. at 500 VDC
Dielectric strength
Between current-carrying metal parts and exposed non-current-carrying metal
parts: 2,000 VAC 50/60 Hz for 1 min.
Between control output terminals and operating circuit: 2,000 VAC 50/60 Hz for
1 min.
Between contacts not located next to each other: 1,000 VAC 50/60 Hz for
1min.
Impulse withstand volt-
age
24 to 240 VAC/VDC: 3 kV between power terminals, 4.5 kV between current-
carrying metal parts and exposed non-current-carrying metal parts
12 VDC: 1 kV between power terminals, 1.5 kV between current-carrying metal
parts and exposed non-current-carrying metal parts
Noise immunity
Square-wave noise generated by noise simulator (pulse width: 100 ns/1
µs,
1-ns rise):
±1.5 kV
Static immunity
Malfunction: 4 kV, Destruction: 8 kV
Vibration
resistance
Destruction
0.75-mm single amplitude at 10 to 55 Hz for 2 h each in 3 directions
Malfunction 0.5-mm single amplitude at 10 to 55 Hz for 10 min each in 3 directions
Shock re-
sistance
Destruction
1,000 m/s2 3 times each in 6 directions
Malfunction 100 m/s2 3 times each in 6 directions
Life ex-
pectancy
Mechanical
10 million operations min. (under no load at 1,800 operations/h)
Electrical
100,000 operations min. (5 A at 250 VAC, resistive load at 360 operations/h)
Degree of protection
IP30 (Terminal block: IP20)
Weight
Approx. 120 g
Safety standards
cURus: UL 508/CSA C22.2 No. 14
EN 50274: Finger protection, back-of-hand proof
EN 61812-1: Pollution degree 2, Overvoltage category III
CCC: Pollution degree 2, Overvoltage category II, section DB14048.5-2008 part 5-1
LR: Test Specification No. 1-2002 Category ENV 1.2
EMC
(EMI)
EN61812-1
Radiated Emissions:
EN 55011 class B
Emission AC Mains:
EN 55011 class B
Harmonic Current:
EN 61000-3-2
Voltage Fluctuations and Flicker: EN61000-3-3
(EMS)
EN61812-1
ESD Immunity:
EN 61000-4-2: 6 kV contact discharge,
8 kV air discharge
Radiated Radio-Frequency Electromagnetic Field Immunity (AM Radio Waves):
EN 61000-4-3: 10 V/m (80 MHz to 1 GHz)
Burst Immunity:
EN 61000-4-4: 2 kV power line,
1 kV I/O signal line
Surge Immunity:
EN 61000-4-5: 2 kV common mode,
1 kV differential mode
+100 ms
−50 ms


Similar Part No. - H3DK-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3DKFACDC24240 OMRON-H3DKFACDC24240 Datasheet
2Mb / 32P
   Solid-state Timers
More results

Similar Description - H3DK-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3DKFACDC24240 OMRON-H3DKFACDC24240 Datasheet
2Mb / 32P
   Solid-state Timers
H3CRFAC100240 OMRON-H3CRFAC100240 Datasheet
521Kb / 23P
   Solid-state Twin Timers
logo
Littelfuse
TDU LITTELFUSE-TDU Datasheet
465Kb / 2P
   Encapsulated Solid-State,Delay-on-Make Timers
2016 Rev: 1-A-062116
logo
Omron Electronics LLC
H3CR-AAC100240DC100125 OMRON-H3CR-AAC100240DC100125 Datasheet
3Mb / 22P
   Solid-state Multi-functional Timers H3CR-A
logo
List of Unclassifed Man...
12D1-100SSTB ETC-12D1-100SSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
   Solid State
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com