Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H3DK-G Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # H3DK-G
Description  Solid-state Timers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H3DK-G Datasheet(HTML) 3 Page - Omron Electronics LLC

  H3DK-G Datasheet HTML 1Page - Omron Electronics LLC H3DK-G Datasheet HTML 2Page - Omron Electronics LLC H3DK-G Datasheet HTML 3Page - Omron Electronics LLC H3DK-G Datasheet HTML 4Page - Omron Electronics LLC H3DK-G Datasheet HTML 5Page - Omron Electronics LLC H3DK-G Datasheet HTML 6Page - Omron Electronics LLC H3DK-G Datasheet HTML 7Page - Omron Electronics LLC H3DK-G Datasheet HTML 8Page - Omron Electronics LLC H3DK-G Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
H3DK-M/H3DK-S
3
Specifications
■ Time Ranges
■ Ratings
Time range setting
0.1 s
1 s
10 s
1 min
10 min
1 h
10 h
100 h
Set time range
0.1 to 1.2 s
1 to 12 s
10 to 120 s
1 to 12 min
10 to 120 min
1 to 12 h
10 to 120 h
100 to 1,200 h
Scale numbers
12
Power supply voltage *1
• 24 to 240 VAC/DC, 50/60 Hz *2
• 12 VDC *2
Allowable voltage fluctuation
range
• 24 to 240 VAC/DC: 85% to 110% of rated voltage
• 12 VDC: 90% to 110% of rated voltage
Power reset
Minimum power-OFF time: 0.1 s
Reset voltage
10% of rated voltage
Voltage input
• 24 to 240 VAC/DC
High level: 20.4 to 264 VAC/DC, Low level: 0 to 2.4 VAC/DC
• 12 VDC
High level: 10.8 to 13.2 VDC, Low level: 0 to 1.2 VDC
*3
Power con-
sumption
H3DK-M2/-S2
At 240 VAC: 6.6 VA max. *4
H3DK-M1/-S1
At 240 VAC: 4.5 VA max. *4
H3DK-M2A/-S2A
At 12 VDC: 0.9 W max.
H3DK-M1A/-S1A
At 12 VDC: 0.6 W max.
Control output
Contact output, 5 A at 250 VAC with resistive load (cos
φ = 1),
5 A at 30 VDC with resistive load *4, *5
Ambient operating temperature
−20 to 55°C (with no icing)
Storage temperature
−40 to 70°C (with no icing)
Ambient operating humidity
25% to 85%
*1.
When using a 24-VDC power supply voltage, there will
be an inrush current of approximately 0.25 A. Allow for
this inrush current when turning ON and OFF the
power supply to the Timer with device with a solid-
state output, such as a sensor.
*2.
DC ripple: 20% max.
*3.
The power consumption is for mode A after the Timer
times out.
For the H3DK-M
@, the maximum power consumption
is given, including the current consumed by the input
circuit.
*4.
Refer to DC Power Consumptions (Reference Infor-
mation) on page 27 for DC power consumptions.
*5.
The control output ratings are for one H3DK operating
alone. If you operate two or more Timers side by side,
refer to Installation Pitch and Output Switching Capac-
ity (Reference Values) on the next page.
*6.
125 VDC: 0.15 A max. with resistive load, 125 VDC:
0.1 A with L/R of 7 ms.
Minimum load: 10 mA at 5 VDC (P level, reference
value)


Similar Part No. - H3DK-G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3DKFACDC24240 OMRON-H3DKFACDC24240 Datasheet
2Mb / 32P
   Solid-state Timers
More results

Similar Description - H3DK-G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3DKFACDC24240 OMRON-H3DKFACDC24240 Datasheet
2Mb / 32P
   Solid-state Timers
H3CRFAC100240 OMRON-H3CRFAC100240 Datasheet
521Kb / 23P
   Solid-state Twin Timers
logo
Littelfuse
TDU LITTELFUSE-TDU Datasheet
465Kb / 2P
   Encapsulated Solid-State,Delay-on-Make Timers
2016 Rev: 1-A-062116
logo
Omron Electronics LLC
H3CR-AAC100240DC100125 OMRON-H3CR-AAC100240DC100125 Datasheet
3Mb / 22P
   Solid-state Multi-functional Timers H3CR-A
logo
List of Unclassifed Man...
12D1-100SSTB ETC-12D1-100SSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
SN76477 ETC1-SN76477 Datasheet
357Kb / 4P
   Solid State
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com