Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BH6456GUL Datasheet(PDF) 5 Page - Rohm

Part # BH6456GUL
Description  System Lens Driver Series for Mobile Phone Cameras 2-wire serial interface Lens Driver for Voice Coil Motor(I2C BUS compatible)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6456GUL Datasheet(HTML) 5 Page - Rohm

  BH6456GUL_12 Datasheet HTML 1Page - Rohm BH6456GUL_12 Datasheet HTML 2Page - Rohm BH6456GUL_12 Datasheet HTML 3Page - Rohm BH6456GUL_12 Datasheet HTML 4Page - Rohm BH6456GUL_12 Datasheet HTML 5Page - Rohm BH6456GUL_12 Datasheet HTML 6Page - Rohm BH6456GUL_12 Datasheet HTML 7Page - Rohm BH6456GUL_12 Datasheet HTML 8Page - Rohm BH6456GUL_12 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Technical Note
5/19
BH6456GUL
www.rohm.com
2012.02 - Rev.A
© 2012 ROHM Co., Ltd. All rights reserved.
2 wire Serial Interface Action Timing Characteristics (Unless otherwise specified, Ta=-25 to +85°C, VCC=2.3 to 4.8V)
Parameter
Symbol
FAST-MODE
*6
STANDARD-MODE
*6
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
SCL frequency
fSCL
-
-
400
-
-
100
kHz
Data clock high time
tHIGH
0.6
-
-
4.0
-
-
μs
Data clock low time
tLOW
1.3
-
-
4.7
-
-
μs
Start condition hold time
tHD:STA
0.6
-
-
4.0
-
-
μs
Start condition setup time
tSU:STA
0.6
-
-
4.7
-
-
μs
Data hold time
tHD:DAT
0
-
0.9
0
-
3.45
μs
Data setup time
tSU:DAT
100
-
-
250
-
-
ns
Stop condition setup time
tSU:STO
0.6
-
-
4.0
-
-
μs
BUS release time
tBUF
1.3
-
-
4.7
-
-
μs
Noise removal valid period
tI
0
-
50
0
-
50
ns
*6 Standard-mode and Fast-mode 2-wire serial interface devices must be able to transmit or receive at that speed.
The maximum bit transfer rates of 100 kbit/s for Standard-mode devices and 400 kbit/s for Fast-mode devices
This transfer rates is provided the maximum transfer rates, for example it is able to drive 100 kbit/s of clocks with Fast-mode.
2 wire Serial Interface Data timing
Fig.4 Serial data timing
Fig.5 Start stop bit timing
Recommend to power supply turning on operation timing
Parameter
Symbol
Recommendation limit
Unit
Min.
Typ.
Max.
PS input H voltage set-up time
TPS
1
-
-
us
2-wire serial interface input data set-up
time
tI2C
1
-
-
us
Sequence of data input timing to power supply
SCL
tBUF
SDA
tHD : STA
tSU : DAT
tR
tF
tHD : DAT
tHIGH
tLOW
SCL
START BIT
SDA
STOP BIT
tSU : STA
tHD : STA
tSU : STO
VCC,VM
PS
2-wire serial input
tPS
tI2C
50%
50%
50%
Serial data


Similar Part No. - BH6456GUL_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6456GUL ROHM-BH6456GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BH6456GUL_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6883GUL ROHM-BD6883GUL_12 Datasheet
356Kb / 17P
   System Lens Driver Series for Mobile Phone Cameras Parallel Interface Type Lens Drivers for Voice Coil Motor
logo
Silicon Touch Technolog...
11-MD114 SITI-11-MD114 Datasheet
228Kb / 12P
   Motor Driver for Mobile Phone
logo
Rohm
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24038GW ROHM-BU24038GW_13 Datasheet
523Kb / 26P
   u- step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
BU24031GW ROHM-BU24031GW Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com