Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP5275-18 Datasheet(PDF) 1 Page - Rohm

Part # BP5275-18
Description  Non-Isolated Step-Down 3-Terminal DC/DC Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5275-18 Datasheet(HTML) 1 Page - Rohm

  BP5275-18 Datasheet HTML 1Page - Rohm BP5275-18 Datasheet HTML 2Page - Rohm BP5275-18 Datasheet HTML 3Page - Rohm BP5275-18 Datasheet HTML 4Page - Rohm BP5275-18 Datasheet HTML 5Page - Rohm BP5275-18 Datasheet HTML 6Page - Rohm BP5275-18 Datasheet HTML 7Page - Rohm BP5275-18 Datasheet HTML 8Page - Rohm BP5275-18 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/7
Non-Isolated Step-Down 3-Terminal DC/DC Converters
BP5275-18 / BP5275-25 / BP5275-33 / BP5275-50
Data Sheet
2011.08 -
Rev. A
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
BP5275
18
BP5275
25
BP5275
33
4.5 to 14
4.5 to 14
5.0 to 14
V
1.8
2.5
3.3
V
500 / 800
500 / 800
500 / 800
mA
BP5275
50
BP5275
18
BP5275
25
BP5275
33
BP5275
50
6.0 to 14
5.0
73
78
83
88
500 / 800
%
Unit
Parameter
Symbol
Limits
Unit
VIn
V
IO
1max
IO
2max
°C
°C
Topr
Tstg
Tcmax
°C
°C
°C
13.8 MAX
2xC0.5
C0.5
5.2
0.5
2.54
±0.2
0.75
2.54
±0.2
1.3
Pin No.1 2 3
The BP5275 series of DC/DC converters utilize a synchronous
rectification system.
A control circuit, switching element, and coil are built in, along
with input/output capacitors, resulting in stable operation with
no external components required.
High conversion efficiency, combined with an original heat
dissipation structure, enables configuration an ultra-compact
switching power supplies.
500mA output is possible with no heat sink required (800mA
with heat sink).
In addition, the ICs are pin-compatible with conventional
TO-220 LDO regulators, making replacement easy.
Low ripple voltage with high precision output ensure stable
operation against the fluctuating voltages from main power
supplies, making them ideal for use as local power supplies
(i.e. for microcontrollers).
Description
Dimensions (Unit : mm)
Applications
Features
List of the series
Absolute maximum ratings (Ta=25
°C)
Power supplies for copiers, personal computers,
facsimiles, AV equipment, measuring instruments,
vending machines, security device, registers,
industrial equipment, and maintenance tools
7) Compact package.
BP5275-18 / BP5275-25 / BP5275-33 / BP5275-50 : SIP3
2) High power conversion efficiency.
3) Heat sink unnecessary.
Input voltage
Input voltage
Operating temperature range
Storage temperature range
Allowable maximum surface temperature
Maximum output current 1
Maximum output current 2 (with Heat Sink)
Output voltage
Power conversion
efficiency (Vin=12V)
Maximum output current
(no heat sink / include heat sink)
Note : Dimensions without tolerance is typical.
1) No external parts required
4) Low output ripple voltage
5) High output voltage accuracy
6) Pin-compatible with conventional 3-pin LDOs
15
−30 to 85
−40 to 105
100
500
800
15
−30 to 85
−40 to 105
100
500
800
15
−30 to 85
−40 to 105
100
500
800
15
−30 to 85
−40 to 105
100
500
800


Similar Part No. - BP5275-18

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5277-12 ROHM-BP5277-12 Datasheet
414Kb / 10P
   Non-Isolated Step-Down 3-Terminal DC/DC Converters
BP5277-13 ROHM-BP5277-13 Datasheet
414Kb / 10P
   Non-Isolated Step-Down 3-Terminal DC/DC Converters
BP5277-15 ROHM-BP5277-15 Datasheet
414Kb / 10P
   Non-Isolated Step-Down 3-Terminal DC/DC Converters
BP5277-33 ROHM-BP5277-33 Datasheet
414Kb / 10P
   Non-Isolated Step-Down 3-Terminal DC/DC Converters
BP5277-50 ROHM-BP5277-50 Datasheet
414Kb / 10P
   Non-Isolated Step-Down 3-Terminal DC/DC Converters
More results

Similar Description - BP5275-18

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5277-33 ROHM-BP5277-33 Datasheet
414Kb / 10P
   Non-Isolated Step-Down 3-Terminal DC/DC Converters
BP5220A ROHM-BP5220A_10 Datasheet
555Kb / 9P
   Step-down DC/DC Converters(Non-isolated)
BP5223 ROHM-BP5223_10 Datasheet
120Kb / 1P
   Step-down DC/DC Converter(Non-isolated)
BP5226-18 ROHM-BP5226-18_10 Datasheet
108Kb / 1P
   Step-down DC/DC Converter(Non-isolated)
BP5224-33 ROHM-BP5224-33_10 Datasheet
115Kb / 1P
   Step-down DC/DC Converter(Non-isolated)
BP5225 ROHM-BP5225_10 Datasheet
105Kb / 1P
   Step-down DC/DC Converter (Non-isolated)
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com