Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP5277-13 Datasheet(PDF) 4 Page - Rohm

Part # BP5277-13
Description  Non-Isolated Step-Down 3-Terminal DC/DC Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5277-13 Datasheet(HTML) 4 Page - Rohm

  BP5277-13 Datasheet HTML 1Page - Rohm BP5277-13 Datasheet HTML 2Page - Rohm BP5277-13 Datasheet HTML 3Page - Rohm BP5277-13 Datasheet HTML 4Page - Rohm BP5277-13 Datasheet HTML 5Page - Rohm BP5277-13 Datasheet HTML 6Page - Rohm BP5277-13 Datasheet HTML 7Page - Rohm BP5277-13 Datasheet HTML 8Page - Rohm BP5277-13 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/9
2011.12 -
Rev. A
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
BP5277-33 / BP5277-50 / BP5277-90 / BP5277-12 / BP5277-13 / BP5277-15
BP5277-33
Vi=32V
Vi=24V
Vi=24V, 32V
0
100
200
300
400
500
600
-40
-20
0
20
40
60
80
100
70°C75°C
250mA
100mA
OPERATION RANGE
0
200
400
600
800
-40
-20
0
20
40
60
80
100
75°C
500mA
OPERATION RANGE
1000
Output Voltage vs. Input Voltage Fluctuation (Ta=25
°C)
Power Conversion Efficiency Fluctuation (Ta=25
°C)
Derating Curve (No heat sink)
Derating Curve (With heat sink)
Line Regulation (Io=500mA)
Intput Voltage Vi [V]
Output Voltage vs. Temperature Fluctuation (Vi=24V)
Output Current Io [mA]
Output Current Io [mA]
Output Current Io [mA]
Ambient Temperature Ta [
°C]
Ambient Temperature Ta [
°C]
0
1
2
3
4
5
6
7
0
10
20
30
40
50
60
70
80
90
100
0
0
1
2
3
4
5
6
7
5101520253035
0
100
200
300
400
500
100
200
300
400
500
0
100
200
300
400
500
0
1
2
3
4
5
6
7
Ta=85°C
Ta=25°C
Ta=−30°C
Ta=85°C
Ta=25°C
Ta=−30°C
Vi=8V
Vi=24V
Vi=32V
Vi=8V
Vi=24V
Vi=32V


Similar Part No. - BP5277-13

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5275-18 ROHM-BP5275-18 Datasheet
621Kb / 9P
   Non-Isolated Step-Down 3-Terminal DC/DC Converters
BP5275-25 ROHM-BP5275-25 Datasheet
621Kb / 9P
   Non-Isolated Step-Down 3-Terminal DC/DC Converters
BP5275-33 ROHM-BP5275-33 Datasheet
621Kb / 9P
   Non-Isolated Step-Down 3-Terminal DC/DC Converters
BP5275-50 ROHM-BP5275-50 Datasheet
621Kb / 9P
   Non-Isolated Step-Down 3-Terminal DC/DC Converters
More results

Similar Description - BP5277-13

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5275-18 ROHM-BP5275-18 Datasheet
621Kb / 9P
   Non-Isolated Step-Down 3-Terminal DC/DC Converters
BP5220A ROHM-BP5220A_10 Datasheet
555Kb / 9P
   Step-down DC/DC Converters(Non-isolated)
BP5223 ROHM-BP5223_10 Datasheet
120Kb / 1P
   Step-down DC/DC Converter(Non-isolated)
BP5226-18 ROHM-BP5226-18_10 Datasheet
108Kb / 1P
   Step-down DC/DC Converter(Non-isolated)
BP5224-33 ROHM-BP5224-33_10 Datasheet
115Kb / 1P
   Step-down DC/DC Converter(Non-isolated)
BP5225 ROHM-BP5225_10 Datasheet
105Kb / 1P
   Step-down DC/DC Converter (Non-isolated)
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com