Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP5870 Datasheet(PDF) 1 Page - Rohm

Part # BP5870
Description  World wide input, and built in PFC AC input, and isolated High-power LED Driver for Illumination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5870 Datasheet(HTML) 1 Page - Rohm

  BP5870 Datasheet HTML 1Page - Rohm BP5870 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/1
World wide input, and built in PFC
AC input, and isolated High-power LED Driver for Illumination
BP5870
Data Sheet
2011.11 -
Rev. A
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Parameter
Symbol
Limits
Unit
Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input voltage range
Vi
80
100
264
VAC
Ambient temperature + the module self-heating
≤Tcmax
Refer to derating curve
Io=150mA
AC
Input voltage
Vi
264
V
Output voltage(limits)
Po
45.6
V
AC
Output current
Iac
1
Arms
1sec(between primary and secondary)
When each of input and output is shorted,
a voltage is applied between them.
Maximum input current
BV
1.8
kV
Withstand voltage
Tcmax
105
°C
Operating temperature range
Topr
°C
Storage temperature range
Tstg
−25 to +85
−20 to +60
°C
50/60Hz
Input power factor
θ
0.90
0.95
Vi=AC100V
Output current 1,2
Vo1,2
30
45.6
Io1=150mA, Io2=150mA
Output voltage range 1,2
lo1,2
142.5
150
157.5
mA
Output opening voltage Vopen
55.0
V
Io1=0mA, Io2=0mA
∗ Maximum output current varies depending on ambient temperature. Refer to the derating curve.
(Unless otherwise noted, Vi=AC80 to 264V, Vo=45.6V, Ta=25°C)
(Ta=25°C)
Ambient Temperature Ta(°C)
-30 -20 -10 0 10 20 30 40 50 60 70 80 90
0
2
4
6
8
10
12
14
16
OPERATION RANGE
R1,R2=200Ω or 300Ω
0.0
10.0
20.0
30.0
40.0
50.0
0
40
80
120
160
200
240
280
Input voltage Vin(V)
Load 100Ω
Load 120Ω
Load 154Ω
0.0
10.0
20.0
50.0
60.0
0
50
100
150
200
250
300
Output Current Io1(mA)
Vin=80V
Vin=100V
Vin=264V
30.0
40.0
Absolute Maximum Ratings
Electrical Characteristics
Test circuit
Derating Curve
Line Regulation
Load Regulation
CN2-2LED1-K
CN2-4LED2-K1
Vin
CN2-1 LED1-A
CN2-3LED2-A
CN2-5LED2-K2
Io1
V
A
Vo1
V
Vo2
A
V
Io2
R1
R2
CN1-1
CN1-2
Vin
Ii
Vi
A
V
A
V
A
V
A
Dimensions (Unit : mm)


Similar Part No. - BP5870

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5872 ROHM-BP5872 Datasheet
2Mb / 2P
   World wide input, and built in PFC AC input, and isolated High-power LED Driver for Illumination
BP5875 ROHM-BP5875 Datasheet
967Kb / 2P
   World wide input, and built in PFC AC input, and isolated High-power LED Driver for Illumination
More results

Similar Description - BP5870

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5875 ROHM-BP5875 Datasheet
967Kb / 2P
   World wide input, and built in PFC AC input, and isolated High-power LED Driver for Illumination
BP5872 ROHM-BP5872 Datasheet
2Mb / 2P
   World wide input, and built in PFC AC input, and isolated High-power LED Driver for Illumination
logo
List of Unclassifed Man...
HN5-9-OV-A ETC2-HN5-9-OV-A Datasheet
374Kb / 7P
   World-wide ac input ranges and safety standards
logo
Rohm
BP5843A ROHM-BP5843A_10 Datasheet
1Mb / 4P
   Isolated High-power LED Driver for Illumination
BP5845W ROHM-BP5845W_10 Datasheet
1Mb / 4P
   Isolated High-power LED Driver for Illumination
BP5844 ROHM-BP5844 Datasheet
972Kb / 4P
   Isolated High-power LED Driver for Illumination
logo
Mitsumi Electronics, Co...
ADP-USB-G4 MITSUMI-ADP-USB-G4 Datasheet
79Kb / 2P
   7.5W AC Adaptors with World Wide Input
logo
Toshiba Semiconductor
TC62D902FG TOSHIBA-TC62D902FG Datasheet
1Mb / 19P
   Offline Isolated AC/DC Flyback LED Controller built-in PFC
logo
Analog Devices
5B40 AD-5B40_15 Datasheet
696Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B41 AD-5B41_15 Datasheet
696Kb / 8P
   Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com