Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS79 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BSS79
Description  NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSS79 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BSS79 Datasheet HTML 1Page - Siemens Semiconductor Group BSS79 Datasheet HTML 2Page - Siemens Semiconductor Group BSS79 Datasheet HTML 3Page - Siemens Semiconductor Group BSS79 Datasheet HTML 4Page - Siemens Semiconductor Group BSS79 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Semiconductor Group
5
BSS 79
BSS 81
Saturation voltage IC = f (VBE sat)
hFE =10
IC = f (VCE sat)
Delay time
td = f (IC)
Rise time
tr = f (IC)
DC current gain hFE = f (IC)
VCE =10V
Storage time
tstg = f (IC)
Fall time
tf = f (IC)


Similar Part No. - BSS79

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS79 INFINEON-BSS79 Datasheet
55Kb / 5P
   NPN Silicon Switching Transistors
Nov-30-2001
logo
Guangdong Kexin Industr...
BSS79 KEXIN-BSS79 Datasheet
41Kb / 2P
   NPN Silicon Switching Transistors
logo
Infineon Technologies A...
BSS79B INFINEON-BSS79B Datasheet
55Kb / 5P
   NPN Silicon Switching Transistors
Nov-30-2001
logo
Zetex Semiconductors
BSS79B ZETEX-BSS79B Datasheet
29Kb / 1P
   SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
BSS79B KEXIN-BSS79B Datasheet
41Kb / 2P
   NPN Silicon Switching Transistors
More results

Similar Description - BSS79

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS80 SIEMENS-BSS80 Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSP50BSP52 SIEMENS-BSP50BSP52 Datasheet
152Kb / 5P
   NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
SMBTA42 INFINEON-SMBTA42_07 Datasheet
71Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-19
PZTA42 INFINEON-PZTA42_07 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors Low collector-emitter saturation voltage
2007-04-26
logo
Siemens Semiconductor G...
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com