Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZG4730 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BZG4730
Description  Silicon Z–Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZG4730 Datasheet(HTML) 1 Page - Vishay Siliconix

  BZG4730 Datasheet HTML 1Page - Vishay Siliconix BZG4730 Datasheet HTML 2Page - Vishay Siliconix BZG4730 Datasheet HTML 3Page - Vishay Siliconix BZG4730 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZG47.. , BZG47..A
Vishay Telefunken
Rev. 5, 06-Aug-99
1 (4)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85623
Silicon Z–Diodes
Features
D Passivated junction
D High reliability
D Voltage range 3.3 V to 100 V
D Fits onto 5 mm SMD footpads
D Wave and reflow solderable
D VZnom ±10% and ±5% tolerance
Applications
Voltage stabilization
15 811
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
RthJA<100K/W, Tamb=25°C
PV
1.25
W
Non repetitive peak surge
power dissipation
tp=100ms sq.pulse,
Tj=25°C prior to surge
PZSM
50
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
–65...+150
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction lead
RthJL
35
K/W
Junction ambient
mounted on epoxy–glass hard tissue, Fig. 1a
RthJA
150
K/W
mounted on epoxy–glass hard tissue, Fig. 1b
RthJA
125
K/W
mounted on Al–oxid–ceramic (Al2O3), Fig. 1b
RthJA
100
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=0.2A
VF
1.2
V


Similar Part No. - BZG4730

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG01 PHILIPS-BZG01 Datasheet
50Kb / 8P
   SMA voltage regulator diodes
2000 Feb 17
BZG01 PHILIPS-BZG01 Datasheet
44Kb / 7P
   Voltage regulator diodes
2000 Feb 17
BZG01-C10 PHILIPS-BZG01-C10 Datasheet
50Kb / 8P
   SMA voltage regulator diodes
2000 Feb 17
BZG01-C10 PHILIPS-BZG01-C10 Datasheet
44Kb / 7P
   Voltage regulator diodes
2000 Feb 17
BZG01-C100 PHILIPS-BZG01-C100 Datasheet
50Kb / 8P
   SMA voltage regulator diodes
2000 Feb 17
More results

Similar Description - BZG4730

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG05C VISHAY-BZG05C Datasheet
64Kb / 4P
   Silicon Z-Diodes
Rev. 6, 01-Apr-99
logo
List of Unclassifed Man...
BZY83C ETC-BZY83C Datasheet
157Kb / 5P
   Silicon Z-diodes
logo
Vishay Siliconix
1N957B VISHAY-1N957B Datasheet
33Kb / 3P
   Silicon Z-Diodes
Rev. A3, 13-Nov-98
1N5221B VISHAY-1N5221B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
BZG03C VISHAY-BZG03C Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
TZM5221B VISHAY-TZM5221B Datasheet
59Kb / 4P
   Silicon Z-Diodes
Rev. 2, 01-Apr-99
logo
Diotec Semiconductor
ZPY10 DIOTEC-ZPY10 Datasheet
90Kb / 2P
   Silicon Power Z-Diodes
logo
Vishay Siliconix
1N4728A VISHAY-1N4728A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Diotec Semiconductor
ZPY10B DIOTEC-ZPY10B Datasheet
84Kb / 2P
   Silicon Power Z-Diodes
logo
New Jersey Semi-Conduct...
ZX3.9 NJSEMI-ZX3.9 Datasheet
166Kb / 2P
   Silicon Power Z Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com