Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA144EM Datasheet(PDF) 1 Page - Rohm

Part # DTA144EM
Description  100mA / -50V Digital transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA144EM Datasheet(HTML) 1 Page - Rohm

  DTA144EM_11 Datasheet HTML 1Page - Rohm DTA144EM_11 Datasheet HTML 2Page - Rohm DTA144EM_11 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.12 - Rev.C
Abbreviated symbol : 16
(1) IN
(2) GND
(3) OUT
ROHM : VMT3
DTA144EM
(3)
0.32
0.8
1.2
0.13
0.5
0.22
0.4 0.4
(2)
(1)
Abbreviated symbol : 16
(1) GND
(2) IN
(3) OUT
ROHM : EMT3
DTA144EE
1.6
0.7
0.15
0.55
0.2
1.0
0.3
(2)
0.5
0.5
(3)
0.2
(1)
Abbreviated symbol : 16
0.2
0.15
0.9
0.7
0.3
(3)
0.65
(2)
2.0
1.3
(1)
0.65
(1) GND
(2) IN
(3) OUT
ROHM : UMT3
EIAJ : SC-70
DTA144EUA
Abbreviated symbol : 16
(1) GND
(2) IN
(3) OUT
ROHM : SMT3
EIAJ : SC-59
DTA144EKA
(2)
(1)
0.4
(3)
2.9
1.9
0.95 0.95
0.8
0.15
1.1
-100mA / -50V Digital transistors
(with built-in resistors)
DTA144EM / DTA144EE / DTA144EUA / DTA144EKA
Applications
Dimensions (Unit : mm)
Inverter, Interface, Driver
Features
1) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see the equivalent circuit).
2) The bias resistors consist of thin-film resistors with
complete isolation to allow positive biasing of the input.
They also have the advantage of almost completely
eliminating parasitic effects.
3) Only the on / off conditions need to be set for operation,
making the device design easy.
Structure
PNP epitaxial planar silicon transistor
(Resistor built-in type)
Packaging specifications
TL
UMT3
EMT3
SMT3
DTA144EE
DTA144EM
Type
DTA144EUA
3000
T2L
VMT3
8000
T106
3000
T146
3000
DTA144EKA
Package
Packaging type
Taping
Taping
Taping
Taping
Code
Basic ordering
unit (pieces)
Equivalent circuit
R1
R2
IN
GND (+)
OUT
IN
GND (+)
OUT
R1=R2=47k
Ω


Similar Part No. - DTA144EM_11

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DTA144EM TSC-DTA144EM_15 Datasheet
820Kb / 5P
   PNP Small Signal Transistor
More results

Similar Description - DTA144EM_11

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114YEB ROHM-DTA114YEB Datasheet
65Kb / 3P
   -100mA / -50V Digital transistors
DTA124EEB ROHM-DTA124EEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143XEB ROHM-DTA143XEB Datasheet
158Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZEB ROHM-DTA143ZEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZUB ROHM-DTA143ZUB Datasheet
101Kb / 3P
   -100mA / -50V Digital transistors
DTC144EUB ROHM-DTC144EUB Datasheet
84Kb / 3P
   100mA / 50V Digital transistors
DTC143ZUB ROHM-DTC143ZUB Datasheet
85Kb / 3P
   100mA / 50V Digital transistors
DTA143XUB ROHM-DTA143XUB Datasheet
160Kb / 3P
   -100mA / -50V Digital transistors
DTC124EEB ROHM-DTC124EEB Datasheet
158Kb / 3P
   100mA / 50V Digital transistors
DTA143XE ROHM-DTA143XE_09 Datasheet
147Kb / 3P
   -100mA /-50V Digital transistors
DTA114EUB ROHM-DTA114EUB Datasheet
158Kb / 3P
   -100mA / -50V Digital transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com