Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RCY-65U033 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0RCY-65U033
Description  ISOLATED DC/DC CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-65U033 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0RCY-65U033 Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-65U033 Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-65U033 Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-65U033 Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-65U033 Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-65U033 Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-65U033 Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-65U033 Datasheet HTML 8Page - Bel Fuse Inc. 0RCY-65U033 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
2
ISOLATED DC/DC CONVERTERS
18 Vdc - 75 Vdc Input 3.3 Vdc /20 A Output, 1/8 Brick
Nov. 16, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Notes
Continuous Input Voltage
-0.3
-
80
V
Input Transient Voltage
-
-
100
V
100 mS maximum
Remote On/Off
-0.3
-
18
V
I/O Isolation Voltage
-
-
1500
V
Ambient Temperature
-40
-
85
°C
Storage Temperature
-55
-
125
°C
Note: Ratings used beyond the maximum ratings may cause a reliability degradation of the converter or may
permanently damage the device.
Input Specifications
Parameter
Min
Typ
Max
Unit
Notes
Operating Input Voltage
18
24/48
75
V
Input Current (full load)
-
4.3
5.0
A
Input Current (no load)
-
65
100
mA
Remote Off Input Current
-
10
15
mA
Input Reflected Ripple Current
(rms)
-
7
10
mA
Input Reflected Ripple Current
(pk-pk)
-
30
50
mA
Tested with simulated source
impedance of 10 uH, 5 Hz to 20 MHz;
use a 100 uF/100 V electrolytic
capacitor with ESR = 1 ohm max. at
200 kHz at 25
°C.
I
2t Inrush Current Transient
-
0.05
0.1
A
2s
Turn-on Voltage Threshold
16
16.8
17.5
V
Turn-off Voltage Threshold
15
15.8
16.5
V
Input Over Voltage Lockout
76
78
80
V
CAUTION: This converter is not internally fused. An input line fuse must be used in application.
Recommend a fast-acting fuse with maximum rating of 8A on system board. Refer to the fuse
manufacture’s datasheet for further information.
Notes: 1. This converter has internal C-L-C (0.47uF-1.0uH-0.47uF+2.2uF) filter.
2. For recommended external input filter, please refer to Safety section.
3. All specifications are typical at 25
°C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Unit
Notes
Output Voltage Set Point
3.234
3.3
3.366
V
Vin=48V, Io=50% load
Load Regulation
-
±3.3
±10
mV
Line Regulation
-
±3.3
±10
mV
Regulation Over Temperature
(-40deg.C-85deg.C)
-
±10
±33
mV
Ripple and Noise (pk-pk)
-
50
80
mV
Ripple and Noise (rms)
-
15
25
mV
0-20 MHz BW, with a 1µF ceramic
capacitor and a 10uF Tantalum cap at
output.
Ripple and Noise (pk-pk)
under worst case
-
-
150
mV
over all operating input voltage, load
and temperature conditions.


Similar Part No. - 0RCY-65U033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-65U03X BEL-0RCY-65U03X Datasheet
385Kb / 18P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-65U033

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com