Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0RCY-65U03L Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 0RCY-65U03L
Description  ISOLATED DC/DC CONVERTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0RCY-65U03L Datasheet(HTML) 1 Page - Bel Fuse Inc.

  0RCY-65U03L Datasheet HTML 1Page - Bel Fuse Inc. 0RCY-65U03L Datasheet HTML 2Page - Bel Fuse Inc. 0RCY-65U03L Datasheet HTML 3Page - Bel Fuse Inc. 0RCY-65U03L Datasheet HTML 4Page - Bel Fuse Inc. 0RCY-65U03L Datasheet HTML 5Page - Bel Fuse Inc. 0RCY-65U03L Datasheet HTML 6Page - Bel Fuse Inc. 0RCY-65U03L Datasheet HTML 7Page - Bel Fuse Inc. 0RCY-65U03L Datasheet HTML 8Page - Bel Fuse Inc. 0RCY-65U03L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
1
ISOLATED DC/DC CONVERTERS
18 Vdc - 75 Vdc Input 3.3 Vdc /20 A Output, 1/8 Brick
Nov. 16, 2010
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Features
Isolated
Output Over-Voltage Shutdown
High Efficiency
Output Voltage Trim
High Power Density
OCP/SCP
Fixed Frequency (260 kHz)
Over Temperature Protection
Low Cost
Remote On/Off
Input Under-Voltage Lockout
Positive/Negative Remote Sense
Input Over-Voltage Lockout
Basic Insulation
Class 1, Category 2, Isolated DC/DC Converter (refer to IPC-9592)
UL60950-1 Recognized (UL/cUL) (Pending)
Applications
Networking
Computers and peripherals
Telecommunications
Description
The 0RCY-65U03x is part of the isolated dc/dc converters that operates from a wide input range (18 Vdc - 75
Vdc) and can cover both 24 Vin and 48 Vin input range. These units will provide up to 66 W of output power.
They are designed to be highly efficient and low cost. Features include remote on/off, over current protection,
over voltage shut down, over temperature protection and under-voltage lockout. These converters are provided in
an industry standard 1/8 brick package.
Part Selection
Output
Voltage
Input Voltage
Max. Output
Current
Max. Output
Power
Typical
Efficiency
Model Number
Active High
Model Number
Active Low
3.3 Vdc
18 Vdc - 75 Vdc
20 A
66 W
90%
0RCY-65U033
0RCY-65U03L
Notes: Add “G” suffix at the end of the model number to indicate Tray Packaging.
Part Number Explanation
0 R CY – 65 U 03 x
1 2
3
4
5 6
7
1---Through hole
2---RoHS 6, change “R” to “7” means RoHS 5
3---Series name
4---Series code
5---Input range (18-75V)
6---Output voltage 3.3V
7--- Option, “x” of the model part number to be 0-9, A-Z, which will represent the special request of
customer.
0RCY-65U03x
RoHS Compliant
Rev.F


Similar Part No. - 0RCY-65U03L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-65U03X BEL-0RCY-65U03X Datasheet
385Kb / 18P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - 0RCY-65U03L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
XRSB-40U BEL-XRSB-40U_11 Datasheet
572Kb / 21P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com