Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPBR52V04A001 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # GPBR52V04A001
Description  BOLERO HV DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

GPBR52V04A001 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  GPBR52V04A001 Datasheet HTML 1Page - Bel Fuse Inc. GPBR52V04A001 Datasheet HTML 2Page - Bel Fuse Inc. GPBR52V04A001 Datasheet HTML 3Page - Bel Fuse Inc. GPBR52V04A001 Datasheet HTML 4Page - Bel Fuse Inc. GPBR52V04A001 Datasheet HTML 5Page - Bel Fuse Inc. GPBR52V04A001 Datasheet HTML 6Page - Bel Fuse Inc. GPBR52V04A001 Datasheet HTML 7Page - Bel Fuse Inc. GPBR52V04A001 Datasheet HTML 8Page - Bel Fuse Inc. GPBR52V04A001 Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©20
11 Bel Fuse Inc. Specifications subject to change without notice. 051811
POWER PRODUCTS
GPB
R52V04A
Bel Power Inc. 155 Flanders Road, Westborough, MA 01581 • Tel 508-870-9775 • Fax 508-870-9796 • www.belpower.com
BOLERO HV DC/DC CONVERTERS
48V Input – 52VDC – 4A Output
page 4
Application Notes
CoolConverter
Bel Power’s Proprietary CoolConverter™
Patented single-stage power conversion architecture,
control and magnetic design allow unprecedented
power density and efficiency in an isolated power
supply.
Protection and Control
Valid Input Voltage Range
The converter measures the input voltage and will not allow
operation outside of the input voltage specification. As
shown by the graphs, hysteresis is added to both the high
and low voltage to prevent the converter from turning on and
off repeatedly when the voltage is held near either voltage
extreme. At low line, this assures the maximum input current
is not exceeded; at high line, this assures the semiconductor
devices in the converter are not damaged by excessive
voltage stress.
ON/OFF Logic Option
The ON/OFF control logic can be either Negative (standard)
or Positive to enable the converter. For Negative logic, the
ON/OFF pin is brought to below 1.0V with respect to the
–INPUT pin to enable the converter. The pull-down must be
able to sink 100μA. For Positive logic, the ON/OFF pin is
brought to greater than 4.0V with respect to the –INPUT pin
and be limited to less than 10V. To request the Positive logic
version, add the suffix (P) to the standard part number. The
ON/OFF pin has a built-in pull-up resistor of approximately
100k
to +5V.
Output Over Voltage Protection
The output voltage is constantly monitored by the
microprocessor with a redundant secondary-side
measurement circuit that both shuts down the duty cycle and
triggers the microprocessor to shut down. If the output voltage
exceeds the over voltage specification, the microprocessor
will latch the converter off. To turn the converter on required
either cycling the ON/OFF pin or power to the converter. This
advanced feature prevents the converter from damaging the
load if there is a converter failure or application error. If non-
latching is required, consult factory.
An advanced microcontroller reduces parts count while
adding features, performance and flexibility in the design.


Similar Part No. - GPBR52V04A001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GPBR MACOM-GPBR Datasheet
265Kb / 4P
   GP/ML/TR series 10 Amp Control Relay
More results

Similar Description - GPBR52V04A001

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW24V08 BEL-GPBW24V08 Datasheet
638Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
logo
XP Power Limited
AG01 XPPOWER-AG01 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
GP01 XPPOWER-GP01 Datasheet
568Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
E02 XPPOWER-E02 Datasheet
581Kb / 7P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F02 XPPOWER-F02 Datasheet
622Kb / 6P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
AH01 XPPOWER-AH01 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
QH01 XPPOWER-QH01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
FS02 XPPOWER-FS02 Datasheet
685Kb / 9P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com