Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-S287 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q62702-S287
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-S287 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q62702-S287 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-S287 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-S287 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-S287 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-S287 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-S287 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-S287 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
12/05/1997
BSS 88
Power dissipation
P
tot = ƒ(TA)
0
20
40
60
80
100
120
°C
160
T
A
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
W
1.2
P
tot
Drain current
I
D = ƒ(TA)
parameter: VGS ≥ 4 V
0
20
40
60
80
100
120
°C
160
T
A
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
A
0.26
I
D
Safe operating area ID=f(VDS)
parameter : D = 0.01, TC=25°C
Drain-source breakdown voltage
V
(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
215
220
225
230
235
240
245
250
255
260
265
270
275
V
285
V
(BR)DSS


Similar Part No. - Q62702-S287

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-S206 SIEMENS-Q62702-S206 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Q62702-S207 SIEMENS-Q62702-S207 Datasheet
261Kb / 8P
   PNP SILICON PLANAR TRANSISTORS
Q62702-S208 SIEMENS-Q62702-S208 Datasheet
261Kb / 8P
   PNP SILICON PLANAR TRANSISTORS
Q62702-S209 SIEMENS-Q62702-S209 Datasheet
261Kb / 8P
   PNP SILICON PLANAR TRANSISTORS
Q62702-S210 SIEMENS-Q62702-S210 Datasheet
261Kb / 8P
   PNP SILICON PLANAR TRANSISTORS
More results

Similar Description - Q62702-S287

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP296 SIEMENS-BSP296 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS123 SIEMENS-BSS123 Datasheet
133Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS295 SIEMENS-BSS295 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS98 SIEMENS-BSS98 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BS107 SIEMENS-BS107 Datasheet
77Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSP297 SIEMENS-BSP297 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS100 SIEMENS-BSS100 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS87 SIEMENS-BSS87 Datasheet
130Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS131 SIEMENS-BSS131 Datasheet
131Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS89 SIEMENS-BSS89 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com