Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-S287 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # Q62702-S287
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-S287 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  Q62702-S287 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-S287 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-S287 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-S287 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-S287 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-S287 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-S287 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
12/05/1997
Semiconductor Group
BSS 88
Drain-source on-resistance
R
DS (on) = ƒ(Tj)
parameter: ID = 0.25 A, VGS = 4.5 V
-60
-20
20
60
100
°C
160
T
j
0
2
4
6
8
10
12
14
16
20
R
DS (on)
typ
98%
Gate threshold voltage
V
GS (th) = ƒ(Tj)
parameter: VGS = VDS, ID = 1 mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
V
2.6
V
GS(th)
-60
-20
20
60
100
°C
160
T
j
2%
typ
98%
Typ. capacitances
C = f (VDS)
parameter:VGS=0V, f = 1 MHz
0
5
10
15
20
25
30
V
40
V
DS
0
10
1
10
2
10
3
10
pF
C
C
rss
C
oss
C
iss
Forward characteristics of reverse diode
I
F = ƒ(VSD)
parameter: Tj, tp = 80 µs
-2
10
-1
10
0
10
1
10
A
I
F
0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
V
SD
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)


Similar Part No. - Q62702-S287

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-S206 SIEMENS-Q62702-S206 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Q62702-S207 SIEMENS-Q62702-S207 Datasheet
261Kb / 8P
   PNP SILICON PLANAR TRANSISTORS
Q62702-S208 SIEMENS-Q62702-S208 Datasheet
261Kb / 8P
   PNP SILICON PLANAR TRANSISTORS
Q62702-S209 SIEMENS-Q62702-S209 Datasheet
261Kb / 8P
   PNP SILICON PLANAR TRANSISTORS
Q62702-S210 SIEMENS-Q62702-S210 Datasheet
261Kb / 8P
   PNP SILICON PLANAR TRANSISTORS
More results

Similar Description - Q62702-S287

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP296 SIEMENS-BSP296 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS123 SIEMENS-BSS123 Datasheet
133Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS295 SIEMENS-BSS295 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS98 SIEMENS-BSS98 Datasheet
78Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BS107 SIEMENS-BS107 Datasheet
77Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSP297 SIEMENS-BSP297 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS100 SIEMENS-BSS100 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS87 SIEMENS-BSS87 Datasheet
130Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS131 SIEMENS-BSS131 Datasheet
131Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS138 SIEMENS-BSS138 Datasheet
138Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
BSS89 SIEMENS-BSS89 Datasheet
79Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com