Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRAF-08AT51 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # VRAF-08AT51
Description  NON-ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRAF-08AT51 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  VRAF-08AT51 Datasheet HTML 1Page - Bel Fuse Inc. VRAF-08AT51 Datasheet HTML 2Page - Bel Fuse Inc. VRAF-08AT51 Datasheet HTML 3Page - Bel Fuse Inc. VRAF-08AT51 Datasheet HTML 4Page - Bel Fuse Inc. VRAF-08AT51 Datasheet HTML 5Page - Bel Fuse Inc. VRAF-08AT51 Datasheet HTML 6Page - Bel Fuse Inc. VRAF-08AT51 Datasheet HTML 7Page - Bel Fuse Inc. VRAF-08AT51 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
12 Vdc Input
Vddq/2
8 A Output
Sep. 29, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Transient Response
12.5% ~ 62.5%Max Load
-
80 mV
120 mV
Settling Time
-
30 uS
50uS
62.5% ~ 12.5%Max Load
-
80 mV
120 mV
Settling Time
VO =0.9 V
-
30 uS
50 uS
di/dt=1A/uS; Vin12 V; and with
13 X 10uF 0603 ceramics + 1
X 47uF 1206 ceramic at the
output. Vddq=1.5V.
Note: All specifications are typical at Vin =12 V, Vddq=1.8 V, Io=8 A, Ta= 25°C unless otherwise stated.
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
68%
69%
-
Vin=12 V, Vddq=1.8 V, Io=8 A
Switching Frequency
260 kHz
300 kHz
340 kHz
MTBF
6,416,286 hours
Calculated Per Bell Core SR-332 (IO =
80% load; Vin=12 V; Ta = 25
C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
0.65 x 0.41 x 0.40
16.51 x 10.41 x 10.16
Weight
-
2.5 g
-
Note: All specifications are typical at 25 C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Output Enable
ENABLE High
2 V
-
5.5 V
ENABLE Low
0 V
-
0.8 V
Enable Pin open, the module is off.
Efficiency Data
Efficiency Curve
45.0%
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
0.8
2.0
4.0
6.0
8.0
Output Current (A)
10.8 V
12.0 V
13.2 V
VRAF-08AT51


Similar Part No. - VRAF-08AT51

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRAF-08AT50 BEL-VRAF-08AT50 Datasheet
211Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT50 BEL-VRAF-08AT50 Datasheet
211Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT50 BEL-VRAF-08AT50 Datasheet
162Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT50 BEL-VRAF-08AT50 Datasheet
162Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT5E BEL-VRAF-08AT5E Datasheet
181Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRAF-08AT51

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com