Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRSB-40U Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # XRSB-40U
Description  ISOLATED DC/DC CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-40U Datasheet(HTML) 3 Page - Bel Fuse Inc.

  XRSB-40U_11 Datasheet HTML 1Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 2Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 3Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 4Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 5Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 6Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 7Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 8Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
3
ISOLATED DC/DC CONVERTERS
24 Vdc/48 Vdc Input 1.2 Vdc - 12 Vdc / 18 A - 3.5 A Outputs, 1/16 Brick
Converter
Apr. 07, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Output Specifications
Parameter
Min
Typ
Max
Unit
Notes
Output Voltage Set Point
Vo=1.2 V
Vo=1.5 V
Vo=1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
1.182
1.478
1.773
2.463
3.250
4.925
11.750
1.2
1.5
1.8
2.5
3.3
5.0
12
1.218
1.523
1.827
2.538
3.350
5.075
12.250
V
V
V
V
V
V
V
Test conditions:
Vin=48 V; Io=50% load
Line Regulation
Vo=1.2 V - 1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
-
-
-
-
-
0.5
1.0
3.0
4.0
6.0
3
4
8
9
15
mV
mV
mV
mV
mV
Load Regulation
Vo=1.2 - 2.5 V
Vo=3.3 - 5.0 V
Vo=12 V
-
-
-
3
4
9
5
9
18
mV
mV
mV
Regulation Over Temperature(-40
C to +85 C)
Vo=1.2 V
Vo=1.5 - 1.8 V
Vo=2.5 - 3.3 V
Vo=5.0 V
Vo=12 V
-
-
-
-
-
4
6
9
15
20
9
14
16
30
35
mV
mV
mV
mV
mV
Output Current
Vo=1.2 V
Vo=1.5 V
Vo=1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
0
0
0
0
0
0
0
-
-
-
-
-
-
-
-
18
16
14
12
10
8
3.5
A
A
A
A
A
A
A
Short Circuit Surge Transient
-
0.5
1
A
2s
Hiccup mode, auto recovery
Current Limit Threshold
Vo=1.2 V
Vo=1.5 V
Vo=1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
21
19
17
14
11
8.8
3.7
25
22
20
17
14
10
5
33
26
23
20
16
12.5
6
A
A
A
A
A
A
A
Ripple and Noise (rms)
Vo=1.2 V - 1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
-
-
-
-
-
6
10
12
25
30
12
20
25
50
55
mV
mV
mV
mV
mV
Ripple and Noise (pk-pk)
Vo=1.2 V - 1.8 V
Vo=2.5 V
Vo=3.3 V
Vo=5.0 V
Vo=12 V
-
-
-
-
-
40
45
55
70
90
70
80
90
120
180
mV
mV
mV
mV
mV
Tested at 0-20 MHz BW,
with a 1 uF ceramic
capacitor and a 10 uF
Tantalum capacitor at the
output.


Similar Part No. - XRSB-40U_11

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRSB-40U025 BEL-XRSB-40U025 Datasheet
371Kb / 13P
   ISOLATED DC/DC CONVERTERS
xRSB-40U025 BEL-xRSB-40U025 Datasheet
466Kb / 15P
   ISOLATED DC/DC CONVERTERS
XRSB-40U02L BEL-XRSB-40U02L Datasheet
371Kb / 13P
   ISOLATED DC/DC CONVERTERS
xRSB-40U02L BEL-xRSB-40U02L Datasheet
466Kb / 15P
   ISOLATED DC/DC CONVERTERS
XRSB-40U033 BEL-XRSB-40U033 Datasheet
371Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-40U_11

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com