Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRSB-40U Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # XRSB-40U
Description  ISOLATED DC/DC CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-40U Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button XRSB-40U_11 Datasheet HTML 3Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 4Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 5Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 6Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 7Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 8Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 9Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 10Page - Bel Fuse Inc. XRSB-40U_11 Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
7
ISOLATED DC/DC CONVERTERS
24 Vdc/48 Vdc Input 1.2 Vdc - 12 Vdc / 18 A - 3.5 A Outputs, 1/16 Brick
Converter
Apr. 07, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Efficiency Data
xRSB-40UV2x
45%
50%
55%
60%
65%
70%
75%
80%
85%
1.80
4.50
9.00
13.50
18.00
OUTPUT CURRENT (A)
18V
24V
48V
75V
xRSB-40UV5x
45%
50%
55%
60%
65%
70%
75%
80%
85%
90%
1.6A
4A
8A
12A
16A
OUTPUT CURRENT (A)
18V
24V
48V
75V
xRSB-40UV8x
45%
50%
55%
60%
65%
70%
75%
80%
85%
90%
1.4A
3.5A
7A
10.5A
14A
OUTPUT CURRENT (A)
18V
24V
48V
75V
xRSB-40U02x
50%
55%
60%
65%
70%
75%
80%
85%
90%
1.20
3.00
6.00
9.00
12.00
OUTPUT CURRENT (A)
18V
24V
48V
75V
xRSB-40U03x
50%
55%
60%
65%
70%
75%
80%
85%
90%
1.00
2.50
5.00
7.50
10.00
OUTPUT CURRENT (A)
18V
24V
48V
75V
xRSB-40U05x
50%
55%
60%
65%
70%
75%
80%
85%
90%
0.80
2.00
4.00
6.00
8.00
OUTPUT CURRENT (A)
18V
24V
48V
75V


Similar Part No. - XRSB-40U_11

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRSB-40U025 BEL-XRSB-40U025 Datasheet
371Kb / 13P
   ISOLATED DC/DC CONVERTERS
xRSB-40U025 BEL-xRSB-40U025 Datasheet
466Kb / 15P
   ISOLATED DC/DC CONVERTERS
XRSB-40U02L BEL-XRSB-40U02L Datasheet
371Kb / 13P
   ISOLATED DC/DC CONVERTERS
xRSB-40U02L BEL-xRSB-40U02L Datasheet
466Kb / 15P
   ISOLATED DC/DC CONVERTERS
XRSB-40U033 BEL-XRSB-40U033 Datasheet
371Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-40U_11

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com