Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRSB-40UV20 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # XRSB-40UV20
Description  ISOLATED DC/DC CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-40UV20 Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button XRSB-40UV20 Datasheet HTML 2Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 3Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 4Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 5Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 6Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 7Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 8Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 9Page - Bel Fuse Inc. XRSB-40UV20 Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
6
ISOLATED DC/DC CONVERTERS
24 Vdc/48 Vdc Input 1.2 Vdc - 12 Vdc / 18 A - 3.5 A Outputs, 1/16 Brick
Converter
Apr. 07, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Output Trim Equations
Equations for calculating the trim resistor are shown below
(Unit: kΩ). The Trim Down resistor should be
connected between the Trim pin and Ground pin. The Trim Up resistor should be connected between the Trim
pin and the Vout. Only one of the resistors should be used for any given application.
1) Trim Equations for Vo=1.2 V
Note:
Vo_req=Desired (trimmed) output voltage [V]
Vo=1.202 V
2) Trim Equations for Vo=1.5 V - 12 V
Note:
Vo_req=Desired (trimmed) output voltage [V]
Vo=1.503V, Vo=1.800V, Vo=2.505V, Vo=3.308V, Vo=5.002V, Vo=12.007V
22
.
10
511 
delta
Rtrimdown
 
%
100
_
Vo
Vo
req
Vo
delta
22
.
10
225
.
1
626
511
)
100
(
delta
Vo
delta
Rtrimup
Rtrimdown
Vo
Trim
GND
Module
22
.
10
511 
delta
Rtrimdown
 
%
100
_
Vo
Vo
req
Vo
delta
Vo
Trim
GND
Module
Rtrimup
22
.
10
6125
.
0
313
11
.
5
)
100
(
delta
Vo
delta
Rtrimup


Similar Part No. - XRSB-40UV20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRSB-40UV20 BEL-XRSB-40UV20 Datasheet
371Kb / 13P
   ISOLATED DC/DC CONVERTERS
xRSB-40UV20 BEL-xRSB-40UV20 Datasheet
466Kb / 15P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-40UV20

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com