Electronic Components Datasheet Search |
|
XRSB-40UV80 Datasheet(PDF) 4 Page - Bel Fuse Inc. |
|
XRSB-40UV80 Datasheet(HTML) 4 Page - Bel Fuse Inc. |
4 / 21 page Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com 4 ISOLATED DC/DC CONVERTERS 24 Vdc/48 Vdc Input 1.2 Vdc - 12 Vdc / 18 A - 3.5 A Outputs, 1/16 Brick Converter Apr. 07, 2011 Bel Power Inc., a subsidiary of Bel Fuse Inc. Output Specifications (continued) Parameter Min Typ Max Unit Notes Turn on Time - 25 50 mS Overshoot at Turn on - 0 5 % Output Capacitance Vo=1.2 V Vo=1.5 V Vo=1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V 470 470 470 470 330 150 10 - - - - - - - 15000 10000 10000 5600 4700 2200 220 uF uF uF uF uF uF uF Recommend to use AVX TPS series Tantalum capacitor as min capacitor. Transient Response Overshoot - 60 110 mV 25% ~ 50% Max Load Settling Time - 80 150 uS Overshoot - 60 110 mV 50% ~ 25% Max Load Settling Time Vo=1.2 V - 80 150 uS Overshoot - 90 180 mV 25% ~ 50% Max Load Settling Time - 80 150 uS Overshoot - 90 180 mV 50% ~ 25% Max Load Settling Time Vo=1.5 -1.8 V - 80 150 uS Overshoot - 180 250 mV 25% ~ 50% Max Load Settling Time - 80 150 uS Overshoot - 180 250 mV 50% ~ 25% Max Load Settling Time Vo=2.5 -3.3 V - 80 150 uS Overshoot - 250 350 mV 25% ~ 50% Max Load Settling Time - 100 200 uS Overshoot - 250 350 mV 50% ~ 25% Max Load Settling Time Vo=5.0 V - 100 200 uS Overshoot - 400 650 mV 25% ~ 50% Max Load Settling Time - 150 300 mS Overshoot - 400 650 mV 50% ~ 25% Max Load Settling Time Vo=12 V - 150 300 mS Test conditions: di/dt = 0.1 A/uS, Vin=48 V, with a 1 uF ceramic capacioor and a Min Capacitance of Tantalum capacitor at the output. Note: All specifications are typical at nominal input, full load at 25°C unless otherwise stated. |
Similar Part No. - XRSB-40UV80 |
|
Similar Description - XRSB-40UV80 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |