Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702-S560 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # Q62702-S560
Description  PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-S560 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  Q62702-S560 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-S560 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-S560 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-S560 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-S560 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-S560 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Semiconductor Group
2
BSS 80
BSS 82
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Base-emitter saturation voltage1)
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
Collector-emitter saturation voltage1)
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
DC current gain
IC = 100
µA, VCE = 10 V
BSS 80 B/82 B
BSS 80 C/82 C
IC = 1 mA, VCE = 10 V
BSS 80 B/82 B
BSS 80 C/82 C
IC = 10 mA, VCE = 10 V1)
BSS 80 B/82 B
BSS 80 C/82 C
IC = 150 mA, VCE = 10 V1)
BSS 80 B/82 B
BSS 80 C/82 C
IC = 500 mA, VCE = 10 V1)
BSS 80 B/82 B
BSS 80 C/82 C
V
Collector-emitter breakdown voltage
IC = 10 mA
BSS 80
BSS 82
V(BR)CE0
40
60
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 10
µA
V(BR)CB0
60
Emitter-base breakdown voltage
IE = 10
µA
V(BR)EB0
5––
nA
Emitter-base cutoff current
VEB = 3 V
IEB0
––10
nA
µA
Collector-base cutoff current
VCB = 50 V
VCB = 50 V, TA = 150 ˚C
ICB0
10
10
hFE
40
75
40
100
40
100
40
100
40
50
120
300
V
VCEsat
0.4
1.6
VBEsat
1.3
2.6
1)
Pulse test conditions: t
300 µs, D = 2 %.


Similar Part No. - Q62702-S560

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-S565 SIEMENS-Q62702-S565 Datasheet
131Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
Q62702-S568 SIEMENS-Q62702-S568 Datasheet
73Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
More results

Similar Description - Q62702-S560

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS79 SIEMENS-BSS79 Datasheet
157Kb / 5P
   NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BCX78 SIEMENS-BCX78 Datasheet
143Kb / 7P
   PNP Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BSP60BSP62 SIEMENS-BSP60BSP62 Datasheet
153Kb / 5P
   PNP Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage)
BC369 SIEMENS-BC369 Datasheet
126Kb / 4P
   PNP Silicon AF Transistor (High current gain High collector current Low collector-emitter saturation voltage)
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
   NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
BC875 SIEMENS-BC875 Datasheet
173Kb / 4P
   NPN Silicon Darlington Transistors (High current gain Low collector-emitter saturation voltage
BCX58BCX59 SIEMENS-BCX58BCX59 Datasheet
144Kb / 6P
   NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
BF421 SIEMENS-BF421 Datasheet
124Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
BFP23 SIEMENS-BFP23 Datasheet
194Kb / 4P
   PNP Silicon Transistors (High breakdown voltage Low collector-emitter saturation voltage)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com