Electronic Components Datasheet Search |
|
XRSB-40U05L Datasheet(PDF) 3 Page - Bel Fuse Inc. |
|
XRSB-40U05L Datasheet(HTML) 3 Page - Bel Fuse Inc. |
3 / 21 page Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com 3 ISOLATED DC/DC CONVERTERS 24 Vdc/48 Vdc Input 1.2 Vdc - 12 Vdc / 18 A - 3.5 A Outputs, 1/16 Brick Converter Apr. 07, 2011 Bel Power Inc., a subsidiary of Bel Fuse Inc. Output Specifications Parameter Min Typ Max Unit Notes Output Voltage Set Point Vo=1.2 V Vo=1.5 V Vo=1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V 1.182 1.478 1.773 2.463 3.250 4.925 11.750 1.2 1.5 1.8 2.5 3.3 5.0 12 1.218 1.523 1.827 2.538 3.350 5.075 12.250 V V V V V V V Test conditions: Vin=48 V; Io=50% load Line Regulation Vo=1.2 V - 1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V - - - - - 0.5 1.0 3.0 4.0 6.0 3 4 8 9 15 mV mV mV mV mV Load Regulation Vo=1.2 - 2.5 V Vo=3.3 - 5.0 V Vo=12 V - - - 3 4 9 5 9 18 mV mV mV Regulation Over Temperature(-40 C to +85 C) Vo=1.2 V Vo=1.5 - 1.8 V Vo=2.5 - 3.3 V Vo=5.0 V Vo=12 V - - - - - 4 6 9 15 20 9 14 16 30 35 mV mV mV mV mV Output Current Vo=1.2 V Vo=1.5 V Vo=1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V 0 0 0 0 0 0 0 - - - - - - - - 18 16 14 12 10 8 3.5 A A A A A A A Short Circuit Surge Transient - 0.5 1 A 2s Hiccup mode, auto recovery Current Limit Threshold Vo=1.2 V Vo=1.5 V Vo=1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V 21 19 17 14 11 8.8 3.7 25 22 20 17 14 10 5 33 26 23 20 16 12.5 6 A A A A A A A Ripple and Noise (rms) Vo=1.2 V - 1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V - - - - - 6 10 12 25 30 12 20 25 50 55 mV mV mV mV mV Ripple and Noise (pk-pk) Vo=1.2 V - 1.8 V Vo=2.5 V Vo=3.3 V Vo=5.0 V Vo=12 V - - - - - 40 45 55 70 90 70 80 90 120 180 mV mV mV mV mV Tested at 0-20 MHz BW, with a 1 uF ceramic capacitor and a 10 uF Tantalum capacitor at the output. |
Similar Part No. - XRSB-40U05L |
|
Similar Description - XRSB-40U05L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |