Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRSB-40U12L Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # XRSB-40U12L
Description  ISOLATED DC/DC CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

XRSB-40U12L Datasheet(HTML) 2 Page - Bel Fuse Inc.

  XRSB-40U12L Datasheet HTML 1Page - Bel Fuse Inc. XRSB-40U12L Datasheet HTML 2Page - Bel Fuse Inc. XRSB-40U12L Datasheet HTML 3Page - Bel Fuse Inc. XRSB-40U12L Datasheet HTML 4Page - Bel Fuse Inc. XRSB-40U12L Datasheet HTML 5Page - Bel Fuse Inc. XRSB-40U12L Datasheet HTML 6Page - Bel Fuse Inc. XRSB-40U12L Datasheet HTML 7Page - Bel Fuse Inc. XRSB-40U12L Datasheet HTML 8Page - Bel Fuse Inc. XRSB-40U12L Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
 Tel 201-432-0463  Fax 201-432-9542  www.belfuse.com
2
ISOLATED DC/DC CONVERTERS
24 Vdc/48 Vdc Input 1.2 Vdc - 12 Vdc / 18 A - 3.5 A Outputs, 1/16 Brick
Converter
Apr. 07, 2011
Bel Power Inc., a subsidiary of Bel Fuse Inc.
Part Number Explanation
x R SB – 40 U xx x
1 2
3
4
5
6 7
1---Replace”x” with “S” to indicate SMT package, or “0” to indicate through hole package
2---RoHS 6, change “R” to “7” means RoHS 5
3---Series name, 1/16 Brick
4---Series code
5---Input range (18-75V)
6---Output voltage, V2=1.2Vout, V5=1.5Vout, V8=1.8Vout, 02=2.5Vout, 03=3.3Vout, 05=5.0Vout, 12=12Vout
7---Option, “x” of the model part number to be 0-9, A-Z, which will represent the special request of
customer.
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Notes
Input Voltage (continuous)
-0.3
-
80
V
Input Transient Voltage
-
-
100
V
100mS maximum
Remote On/Off
-0.3
-
18
V
I/O Isolation Voltage
-
-
1500
V
Ambient Temperature
-40
-
85
C
Storage Temperature
-55
-
125
C
Note: Ratings used beyond the maximum ratings may cause a reliability degradation of the converter or may
permanently damage the device.
Input Specifications
Parameter
Min
Typ
Max
Unit
Notes
Input Voltage
18
48
75
V
Input Current (full load)
Vo=1.2 V - 1.8 V
Vo=2.5 V - 3.3 V
Vo=5.0 V - 12 V
-
-
-
-
-
-
2.5
3.0
3.5
A
A
A
Input Current (no load)
-
60
120
mA
Remote Off Input Current
-
1
3
mA
Input Reflected Ripple Current
(pk-pk)
-
20
50
mA
Input Reflected Ripple Current
(rms)
-
3
7
mA
Tested with simulated source
impedance of 15 uH, 5 Hz to 20 MHz;
use a 100 uF/100 V electrolytic
capacitor with ESR=1 ohm max at 200
kHz at the input.
Input Over Voltage Lockout
78
-
82
V
I
2t Inrush Current Transient
-
0.01
0.02
A
2s
Turn-on Voltage Threshold
16.6
17.2
17.8
V
Turn-off Voltage Threshold
16.2
16.8
17.4
V
Note: All specifications are typical at nominal input, full load at 25
C unless otherwise stated.


Similar Part No. - XRSB-40U12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
XRSB-40U12L BEL-XRSB-40U12L Datasheet
371Kb / 13P
   ISOLATED DC/DC CONVERTERS
xRSB-40U12L BEL-xRSB-40U12L Datasheet
466Kb / 15P
   ISOLATED DC/DC CONVERTERS
More results

Similar Description - XRSB-40U12L

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T_10 Datasheet
524Kb / 14P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12 Datasheet
275Kb / 17P
   ISOLATED DC/DC CONVERTERS
0RQ1-Q0T12 BEL-0RQ1-Q0T12 Datasheet
647Kb / 14P
   ISOLATED DC/DC CONVERTERS
0RQB-Q2T06 BEL-0RQB-Q2T06_11 Datasheet
259Kb / 13P
   ISOLATED DC/DC CONVERTERS
0RCY-C2T03 BEL-0RCY-C2T03_11 Datasheet
218Kb / 8P
   ISOLATED DC/DC CONVERTERS
0REB-80T12 BEL-0REB-80T12_12 Datasheet
596Kb / 17P
   ISOLATED DC/DC CONVERTERS
HBW53V08XRG BEL-HBW53V08XRG Datasheet
279Kb / 8P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T_10 Datasheet
501Kb / 14P
   ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
   ISOLATED DC/DC CONVERTERS
XRSB-30T BEL-XRSB-30T Datasheet
504Kb / 13P
   ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com